Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS22-T Datasheet(PDF) 2 Page - ETAL Group

Part # ESS22-T
Description  Double pole electronic circuit breaker with physical isolation at load output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESS22-T Datasheet(HTML) 2 Page - ETAL Group

  ESS22-T Datasheet HTML 1Page - ETAL Group ESS22-T Datasheet HTML 2Page - ETAL Group ESS22-T Datasheet HTML 3Page - ETAL Group ESS22-T Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Double Pole Electronic Circuit Breaker ESS22-T
www.e-t-a.de
Double Pole Electronic Circuit Breaker ESS22-T
1646
2
4
Reset after overload or short circuit disconnection
- remedy the external overload or
short circuit failure
- manual RESET on the breaker via
ON/OFF switch
- no reset with voltage interruptions
(status memory)
- no reset possible via external control
input IN
- external reset optionally possible via
reset input RE
Free-wheeling circuit
external free-wheeling diode
recommended with inductive load
Load outputs must not be connected in parallel
Status output SF
ESS22-TA-0x1
Electrical data
potential-free signal contact
1 break contact, terminal 11-12
(closed in OFF or failure condition)
1 make contact, terminal 13-14
(open in OFF or failure condition)
max. DC 30 V / 0.5 A, min. 10 V / 10 mA
Fault
signal output fault conditions:
- ON/OFF switch is in OFF position (manually)
- after overload/short circuit disconnection
- external control input (OFF)
- low voltage
- no operating voltage US
Control input IN+/IN-
ESS22-TA-01x / ESS22-TA-03x
Electrical data
control input (IN+/IN-) is physically isolated
from load circuit (optocoupler)
voltage max. + DC 32 V
high > DC 12 V ≤ DC 32 V (switch on)
low ≤ DC 5 V > 0 V (switch off)
current consumption typically 3…9 mA
(DC +12 V…32 V)
Reset function
ESS22-TA-03x
A non-conducting load output (after an
overload/short circuit disconnection) can
be reset externally via the control input. In
order to do that the control input has to be
switched off for >100 ms
Links
manual ON/OFF switch on breaker is linked
to the external control input IN+ by means
of an AND function
Reset input RE+ / RE-
ESS22-TA-02x
Electrical data
reset input (RE+ / RE-) physically isolated
from load circuit (optocoupler)
voltage: max. + DC 32 V
high > DC 12 V ≤ DC 32 V
low ≤ DC 5 V > 0 V
power consumption typically 3…9 mA
(DC +12 V…32 V)
min. pulse duration for RESET 100 ms
Reset signal RE
The electronically blocked load output
(blocked after overload/short circuit
disconnection) may be reset via an external
reset pulse (+ DC 24 V).
A common reset signal can be applied to
several devices simultaneously.
RESET - pulse/edge from low (min. 100 ms)
to high (min. 100 ms)
General data
Fail-safe element
failsafe element aligned to rated current
(back-up fuse)
Technical data (Tambient = 25 °C, operating voltage US = DC 24 V)
Technical data (Tambient = 25 °C, operating voltage US = DC 24 V)
Terminals
Screw terminals
M3
Max. cable cross section
Rigid / flexible
0.14 – 2.5 mm2 (AWG 26-14)
Wire stripping length
8 mm
Tightening torque (EN 60934) 0.5 – 0.6 Nm
Loop through option
redundant LINE and LOAD terminals,
max. cont. load for line entry 10 A
Housing material
moulded
Mounting
symmetrical rail to EN 50022-35x7.5
Ambient temperature
0...+50 °C
(without condensation, see EN 60204-1)
Storage temperature
-20...+70 °C
Humidity
96 hrs/95 % RH/40 °C to
IEC 60068-2-78, test Cab.
climate class 3K3 to EN 60721
Vibration
3 g, test to IEC 60068-2-6 test Fc
Degree of protection
housing: IP20 DIN 40050
terminals: IP20 DIN 40050
Standards, directives
CE logo to EMC directive
emitted interference:
EN 61000-6-3
immunity to interference: EN 61000-6-2
surge voltages:
EN 61000-4-5
Insulation co-ordination
0.5 kV/2 pollution degree 2
(IEC 60934)
Insulation voltage
DC 500 V
between the physically isolated areas:
load circuit in OFF condition, signal input
and signal outputs
Dielectric strength
max. DC 32 V
Reverse polarity protection integral
Dimensions
see following page
(tolerances to DIN ISO 268 part 1 ± IT 13)
Mass
approx. 110 g
Table 1: voltage drop, current limitation, max. load current
current
rating IN
typically voltage
drop UON at IN
active current
limitation (typically)
max. load current at
100 % ON duty
Tamb = 40 °C Tamb = 50 °C
0.5 A
80 mV
1.4 x IN
0.5 A
0.5 A
1 A
110 mV
1.4 x IN
1 A
1 A
2 A
140 mV
1.4 x IN
2 A
2 A
3 A
100 mV
1.4 x IN
3 A
3 A
4 A
130 mV
1.4 x IN
4 A
4 A
6 A
180 mV
1.4 x IN
6 A
6 A
8 A
130 mV
1.4 x IN
8 A
7 A
10 A
170 mV
1.4 x IN
10 A
9
Attention: when mounted side-by-side without convection the ESS22-T should not carry
more than 80 % of its rated load with 100 % ON duty due to thermal effects.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com