Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS22-T Datasheet(PDF) 1 Page - ETAL Group

Part # ESS22-T
Description  Double pole electronic circuit breaker with physical isolation at load output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESS22-T Datasheet(HTML) 1 Page - ETAL Group

  ESS22-T Datasheet HTML 1Page - ETAL Group ESS22-T Datasheet HTML 2Page - ETAL Group ESS22-T Datasheet HTML 3Page - ETAL Group ESS22-T Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.e-t-a.de
Double Pole Electronic Circuit Breaker ESS22-T
1646
1
4
Operating data
Operating voltage US
DC 24 V (18...32 V)
Current rating IN
fixed current ratings: 0.5 A, 1 A, 2 A, 3 A,
4 A, 6 A, 8 A, 10 A
Closed current I0
ON condition: typically 27 mA
with signal output: typically 37 mA
Status indication
l
multicolour LED:
by means of
GREEN:
- unit is ON, load circuit switched on
ORANGE:
- in the event of overload or short
circuit until disconnection
RED:
- after overload/short circuit
disconnection
- upon low voltage in ON condition
- after switch-on till the end of
the ON delay period
OFF:
- switched off by means of switch or
control input
- no operating voltage applied
l
potential-free signal contact
l
ON/OFF condition of switch
Load circuit
Load output
Power-MOSFET and relay switching
output with physical isolation, plus-
and minus-switching
Overload disconnection
typically 1.1 x IN (1.05...1.35 x IN)
Short-circuit current IK
active current limitation typically 1.4 x IN
(see table 1)
Trip times
see time/current characteristics
typically 3 s at ILoad > 1.1 x IN
typically 100 ms…3 s at ILoad > 1.4 x IN
Temperature disconnection internal temperature monitoring with
electronic disconnection
Low voltage monitoring
OFF at typically < 16.0 V
ON at typically > 17.5 V
automatic switch ON or OFF
Starting delay tStart
typically 0.5 sec
after every switch-on, after reset and
after applying US
Disconnection of load circuit double pole, with physical isolation
- manually on the breaker via ON/OFF
switch (OFF)
- after overload/short circuit disconnection
- via external control input
- at low voltage
- no operating voltage applied
Description
Technical data (Tambient = 25 °C, operating voltage US = DC 24 V)
ESS22-T
The electronic circuit breaker type ESS22-T extends the E-T-A product
range of electronic circuit protection for DC 24 V applications. It is a double
pole version providing physical isolation. It meets the requirements of the
machinery directive 2006/42/EC and the affiliated standard EN 60204-1
“Safety of Machinery, Electrical Equipment of Machines”, para 9.4.3.1.
The combination of active electronic current limitation in the event of a
short circuit and overload disconnection from 1.1 times rated current pro-
vides double pole selective protection of DC 24 V load systems.
DC 24 V power supplies, which are widely used in industry today, will shut
down the output in the event of an overload with the result that one faulty
load in the system can lead to complete disconnection of all loads. As well
as an unidentified failure this also means stoppage of the whole system.
Through selective disconnection the ESS22-T responds much faster to
overload or short circuit conditions than the switch-mode power supply.
This is achieved by active current limitation. The ESS22-T limits the highest
possible current to typically 1.4 times the selected rated current. Thus it
is possible to switch on capacitive loads of up to 20,000 µF, but they are
disconnected only in the event of an overload or short circuit.
For optimal alignment with the characteristics of the application the current
rating of the ESS22-T can be selected in fixed values from 0.5 A...10 A.
Failure and status indication are by a multicolour LED and integral signal
contacts. Remote operation is possible by means of a physically isolated
control input. The manual ON/OFF button allows separate actuation of
individual load circuits.
The ESS22-T, with a width of only 22.5 mm, can be snapped onto sym-
metrical rails ensuring ease of installation and saving space in control
cabinets.
Upon detection of overload or short circuit in the load circuit, the MOSFET
of the load output will be blocked to interrupt the current flow. In addition
the load output will be physically isolated by a mechanical switching ele-
ment. Upon failure remedy the load output of the ESS22-T is re-activated
manually by operating the ON/OFF switch on the device or optionally by
the physically isolated reset input and/or the control input.
US patent number: US 6,490,141 B2
Features
Approvals
l
Double pole electronic circuit breaker with physical isolation at
load output
l
Double protection of “load+ path” through electronic protection
and failsafe element
l
Double protection of “load- path” through electronic protection and
failsafe element
l
Selective load protection, electronic trip curve
l
Active current limitation for safe connection of capacitive loads up
to 20,000 µF, DC motors and on overload/short circuit
l
Fixed current ratings 0.5 A...10 A
l
Low voltage monitoring
l
Manual ON/OFF button
l
Physically isolated control input for ON/OFF optional
l
Physically isolated reset input RE optional
l
Clear status and failure indication through multicolour LED
l
Two signal contacts (break contact and make contact)
l
Width per unit 22.5 mm
l
Rail mounting
Authority
Standard
Rated voltage
Current ratings
VDE
EN 60934
DC 32 V
0.5 A…10 A
UL
UL 1077
C22.2 No 235
DC 30 V
0.5 A…10 A


Similar Part No. - ESS22-T

ManufacturerPart #DatasheetDescription
logo
E-T-A Elektrotechnische...
ESS22-TA-000-DC24V-10A E-T-A-ESS22-TA-000-DC24V-10A Datasheet
813Kb / 5P
Double Pole Electronic Circuit Breaker ESS22-T
ESS22-TA-000-DC24V-1A E-T-A-ESS22-TA-000-DC24V-1A Datasheet
813Kb / 5P
Double Pole Electronic Circuit Breaker ESS22-T
ESS22-TA-000-DC24V-2A E-T-A-ESS22-TA-000-DC24V-2A Datasheet
813Kb / 5P
Double Pole Electronic Circuit Breaker ESS22-T
ESS22-TA-000-DC24V-3A E-T-A-ESS22-TA-000-DC24V-3A Datasheet
813Kb / 5P
Double Pole Electronic Circuit Breaker ESS22-T
ESS22-TA-000-DC24V-4A E-T-A-ESS22-TA-000-DC24V-4A Datasheet
813Kb / 5P
Double Pole Electronic Circuit Breaker ESS22-T
More results

Similar Description - ESS22-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
ELECTRONIC CIRCUIT BREAKER
Oct-1998
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
logo
Linear Technology
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
Electronic Circuit Breaker
logo
ETAL Group
ESS31-T ETAL-ESS31-T Datasheet
1Mb / 8P
Selective load protection with physical isolation in the event of a failure
ESS20-0 ETAL-ESS20-0 Datasheet
462Kb / 6P
Selective load protection with physical isolation in the event of a fault
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
Electronic circuit breaker EBU
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
Electronic miniature circuit-breaker
09/2009
102898 PHOENIX-102898 Datasheet
846Kb / 10P
Electronic circuit breaker
2010-12-17
102899 PHOENIX-102899 Datasheet
895Kb / 10P
Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
Electronic circuit breaker
2010-12-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com