Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS22-T Datasheet(PDF) 3 Page - ETAL Group

Part # ESS22-T
Description  Double pole electronic circuit breaker with physical isolation at load output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESS22-T Datasheet(HTML) 3 Page - ETAL Group

  ESS22-T Datasheet HTML 1Page - ETAL Group ESS22-T Datasheet HTML 2Page - ETAL Group ESS22-T Datasheet HTML 3Page - ETAL Group ESS22-T Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.e-t-a.de
Double Pole Electronic Circuit Breaker ESS22-T
1646
3
4
Double Pole Electronic Circuit Breaker ESS22-T
Type No.
ESS22 double pole electronic circuit breaker, with current limitation
Mounting and design
TA rail mounting, with ON/OFF switch
Version
0
with double pole physical isolation at load output
Signal input
0 without signal input
1 with control input IN-/IN+; without reset function
upon overload
2 with reset input RE-/RE+
3 with control input IN-/IN+; with reset function upon
overload (only for ESS22-TA-xxx)
Signal output
0
without signal output (only for version
TA-00)
1
signal contacts: 1 make contact, 1 break contact
Operating voltage
DC 24 V
rated voltage DC 24 V
Current rating
0.5 A
1 A
2 A
3 A
4 A
6 A
8 A
10 A
ESS22 - TA - 0
0 1 - DC 24 V
4 A
ordering example
Ordering information
electronic
protection
with current
limitation
11
12
14 2.1
2.2 4.1
4.2
|>
|>
line entry
DC 24 V
external
control input
13 1.1
1.2 3.1
3.2 A1 A2 B1
B2
LED
electronic
control unit
main
contacts
Si
LOAD+
load
LINE+
LINE-
IN+
IN-
LOAD-
Failsafe
ON/OFF/RESET
switch
Schematic diagram ESS22-TA-011
Please note:
l
The user should ensure that the cable cross sections of the relevant
load circuit are suitable for the current rating of the ESS22-T used.
l
Automatic start-up of machinery after shut down must be prevented
(Machinery Directive 98/37/EG and EN 60204-1). In the event of a
short circuit or overload the ESS22-T ensures double pole physical
isolation of the load circuit.
disconnection
typically 1.1 x I
N
current limitation
typically 1.4 x IN
IK
10000
1000
1
2
4
...times rated current
100
10
1
0.1
0.01
3
0
3
Time/Current characteristic curve (TA = 25 °C)
l
The trip time is typically 3 s in the range between 1.1 and 1.4 x IN
l
Electronic current limitation occurs at typically 1.4 x IN which
means that under all overload conditions (independent of the
power supply and the resistance of the load circuit) the max.
overload before disconnection will not exceed 1.4 x IN) times
the current rating. Trip time is between 100 ms and 3 sec
(depending on overload or at short circuit).
l
Without this current limitation a considerably higher overload
current would flow in the event of an overload or short circuit.
Dimensions
ESS22-TA-...
92
3.62
22.5
.886
ok
on
3 A
ESS22-T
reset
off
All dimensions without tolerances are for reference only. In the interest of improved design,
performance and cost effectiveness the right to make changes in these specifications without
notice is reserved. Product markings may not be exactly as the ordering codes. Errors and
omissions excepted.
Preferred types
Standard current ratings (A)
0.5
1
2
3
4
6
8
10
ESS22-TA-001-DC24V
x
x
x
x
x
x
x
x
Preferred types



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com