Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESS22-T Datasheet(PDF) 4 Page - ETAL Group

Part # ESS22-T
Description  Double pole electronic circuit breaker with physical isolation at load output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESS22-T Datasheet(HTML) 4 Page - ETAL Group

  ESS22-T Datasheet HTML 1Page - ETAL Group ESS22-T Datasheet HTML 2Page - ETAL Group ESS22-T Datasheet HTML 3Page - ETAL Group ESS22-T Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.e-t-a.de
Double Pole Electronic Circuit Breaker ESS22-T
1646
4
4
Terminal wiring diagrams ESS22-TA-... (Example)
ESS22-TA-000-DC 24 V-xxx A
ESS22-TA-011-DC 24 V-xxx A
ESS22-TA-031-DC 24 V-xxx A
GERMANY
GERMANY
GERMANY
Elektronischer Schutzschalter
Electronic Supplymentary Protector
ESS22-TA-000-DC24V-xxA
Elektronischer Schutzschalter
Electronic Supplymentary Protector
ESS22-TA-011-DC24V-xxA
Elektronischer Schutzschalter
Electronic Supplymentary Protector
ESS22-TA-031-DC24V-xxA
LINE+ 1.1 1.2 3.1 3.2 LINE-
LOAD+ 2.1 2.2 4.1 4.2 LOAD-
LINE+ 1.1 1.2 3.1 3.2 LINE-
LOAD+ 2.1 2.2 4.1 4.2 LOAD-
IN+
A1
A2
B1
B2
IN-
11
12
13
14
LINE+ 1.1 1.2 3.1 3.2 LINE-
LOAD+ 2.1 2.2 4.1 4.2 LOAD-
IN+
A1
A2
B1
B2
IN-
11
12
13
14
Terminal connection
ESS22-TA-031-DC 24 V-xxx A
Example:
IN+ / IN-
A1/A2/B1/B2
break contact / make contact
11/12/13/14
LOAD+ / LOAD-
2.1/2.2/4.1/4.2
LINE+ / LINE-
1.1/1.2/3.1/3.2
symmetrical rail



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com