Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CHPMC Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # MB91F577CHPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CHPMC Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button MB91F577CHPMC Datasheet HTML 29Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 30Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 31Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 32Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 33Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 34Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 35Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 36Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 33 of 163
MB91570 Series
Pin Number
Pin Name
I/O Circuit Type
Function Description
56
P041
I
General-Purpose I/O Port
SEG25
LCDC Segment(Duty)Output pin
ST2
LCDC Segment(Static)Output pin
PPG14_0
PPG Output pin ch.14 relocation 0
SCK7_0
LIN_UART Serial Clock I/O pin ch.7 relocation 0
57
VCC5
-
+5.0v Power Supply pin
58
VSS
-
GND pin
59
P042
I
General-Purpose I/O Port
SEG26
LCDC Segment(Duty)Output pin
ST3
LCDC Segment(Static)Output pin
PPG15_0
PPG Output pin ch.15 relocation 0
AIN0_0
Up/down Counter AIN Input pin ch.0 relocation 0
60
P043
I
General-Purpose I/O Port
SEG27
LCDC Segment(Duty)Output pin
ST4
LCDC Segment(Static)Output pin
BIN0_0
Up/down Counter BIN Input pin ch.0 relocation 0
SGA4_0
Sound Generator SGA Output pin ch.4 relocation 0
OCU6_1
Output Compare Output pin ch.6 relocation 1
61
P044
I
General-Purpose I/O Port
SEG28
LCDC Segment(Duty)Output pin
ST5
LCDC Segment(Static)Output pin
ZIN0_0
Up/down Counter ZIN Input pin ch.0 relocation 0
SGO4_0
Sound Generator SGO Output pin ch.4 relocation 0
OCU7_1
Output Compare Output pin ch.7 relocation 1
62
P045
I
General-Purpose I/O Port
SEG29
LCDC Segment(Duty)Output pin
ST6
LCDC Segment(Static)Output pin
AIN1_0
Up/down Counter AIN Input pin ch.1 relocation 0
SIN8_2
Multi-function Serial Input pin ch.8 relocation 2
63
P046
I
General-Purpose I/O Port
SEG30
LCDC Segment(Duty)Output pin
ST7
LCDC Segment(Static)Output pin
BIN1_0
Up/down Counter BIN Input pin ch.1 relocation 0
SOT8_2
Multi-function Serial Output pin ch.8 relocation 2
64
P047
I
General-Purpose I/O Port
SEG31
LCDC Segment(Duty)Output pin
ST8
LCDC Segment(Static)Output pin
ZIN1_0
Up/down Counter ZIN Input pin ch.1 relocation 0
SCK8_2
Multi-function Serial Clock I/O pin ch.8 relocation 2
65
P050
I
General-Purpose I/O Port
COM0
LCDC Segment(Duty)Common Output pin
OCU8_1
Output Compare Output pin ch.8 relocation 1
66
P051
I
General-Purpose I/O Port
COM1
LCDC Segment(Duty)Common Output pin
OCU9_1
Output Compare Output pin ch.9 relocation 1
67
P052
I
General-Purpose I/O Port
COM2
LCDC Segment(Duty)Common Output pin
OCU10_1
Output Compare Output pin ch.10 relocation 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com