Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CHPMC Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # MB91F577CHPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CHPMC Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button MB91F577CHPMC Datasheet HTML 28Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 29Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 30Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 31Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 32Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 33Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 34Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 35Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 32 of 163
MB91570 Series
Pin Number
Pin Name
I/O Circuit Type
Function Description
43
P026
I
General-Purpose I/O Port
SEG14
LCDC Segment(Duty)Output pin
SIN6_1
LIN_UART Serial Input pin ch.6 relocation 1
OCU9_0
Output Compare Output pin ch.9 relocation 0
44
P027
I
General-Purpose I/O Port
SEG15
LCDC Segment(Duty)Output pin
SOT6_1
LIN_UART Serial Output pin ch.6 relocation 1
OCU8_0
I
Output Compare Output pin ch.8 relocation 8
45
P030
I
General-Purpose I/O Port
45
SEG16
I
LCDC Segment(Duty)Output pin
SCK6_1
LIN_UART Serial Clock I/O pin ch.6 relocation 1
46
P031
I
General-Purpose I/O Port
SEG17
LCDC Segment(Duty)Output pin
SIN9_0
Multi-function Serial Input pin ch.9 relocation 0
47
P032
I
General-Purpose I/O Port
SEG18
LCDC Segment(Duty)Output pin
SOT9_0
Multi-function Serial Output pin ch.9 relocation 0
OCU7_0
Output Compare Output pin ch.7 relocation 7
48
P033
I
General-Purpose I/O Port
SEG19
LCDC Segment(Duty)Output pin
SCK9_0
Multi-function Serial Clock I/O pin ch.9 relocation 0
OCU6_0
Output Compare Output pin ch.6 relocation 6
49
P034
I
General-Purpose I/O Port
SEG20
LCDC Segment(Duty)Output pin
SIN8_0
Multi-function Serial Input pin ch.8 relocation 0
OCU5_1
Output Compare Output pin ch.5 relocation 1
50
P035
I
General-Purpose I/O Port
SEG21
LCDC Segment(Duty)Output pin
SOT8_0
Multi-function Serial Output pin ch.8 relocation 0
OCU4_1
Output Compare Output pin ch.4 relocation 1
51
P036
I
General-Purpose I/O Port
SEG22
LCDC Segment(Duty)Output pin
PPG11_0
PPG Output pin ch.11 relocation 0
SCK8_0
Multi-function Serial Clock I/O pin ch.8 relocation 0
52
VCC5
-
+5.0v Power Supply pin
53
VSS
-
GND pin
54
P037
I
General-Purpose I/O Port
SEG23
LCDC Segment(Duty)Output pin
ST0
LCDC Segment(Static)Output pin
PPG12_0
PPG Output pin ch.12 relocation 0
SIN7_0
LIN_UART Serial Input pin ch.7 relocation 0
55
P040
I
General-Purpose I/O Port
SEG24
LCDC Segment(Duty)Output pin
ST1
LCDC Segment(Static)Output pin
PPG13_0
PPG Output pin ch.13 relocation 0
SOT7_0
LIN_UART Serial Output pin ch.7 relocation 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com