Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CHPMC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # MB91F577CHPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CHPMC Datasheet(HTML) 3 Page - Cypress Semiconductor

  MB91F577CHPMC Datasheet HTML 1Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 2Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 3Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 4Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 5Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 6Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 7Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 8Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 3 of 163
MB91570 Series
Calibration: A hardware watchdog of the CR oscillation drive
and real-time clock (RTC) of the sub clock drive
The CR oscillation frequency can be trimmed
The main clock to sub clock ratio can be corrected by
setting the real-time clock prescaler
Clock Supervisor
Monitoring abnormality (damage of crystal etc.) of sub
oscillation ( 32kHz ) (dual clock products) and main
oscillation ( 4 MHz )
When abnormality is detected, it switches to the CR clock.
Base timer : 2 channels
16-bit timer
Any of four PWM/PPG/PWC/reload timer functions can be
selected and used.
As for the functions of PWC and reload timer, 2 channels of
cascade mode can be used as 32-bit timer.
CRC generation
HS-SPI
Note: In this series, the HS-SPI function is prohibited
E
2PROM and the flash device of the Single/Dual/Quad-SPI
protocol can be connected.
The power supply of 5V/3.3V supplied to the VCCE power
supply pin is used.
Maximum 16MHz (Maximum 8 MHz at the slave.)
Watchdog timer
Hardware watchdog
Software watchdog
NMI
Interrupt controller
Interrupt request batch read
Multiple interrupts from peripherals can be read by a series
of registers.
I/O relocation
Peripheral function pins can be reassigned.
Low-power consumption mode
Sleep / Stop / Watch / Sub RUN mode
Stop (power shutdown) / Watch (power shutdown) mode
Power on reset
Low-voltage detection reset (external low-voltage detection)
Low-voltage detection reset (internal low-voltage detection)
Device Package :
LQFP-144 for MB91F575/7/8/9
LQFP-208 for MB91F578/9
CMOS 90nm Technology
Power supplies
5V Power supply
The internal 1.2V is generated from 5V with the voltage
step-down regulator.
I/O port uses the power supply of 5V/3.3V supplied to the
VCCE power supply pin.
• LQFP-144: P010 to P017, P020 to P027, and P030 to
P036
• LQFP-208: P140 to P147, P150 to P157, P160 to P167,
P170 to P177, P180 to P187, and P190 to P197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com