Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CHPMC Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # MB91F577CHPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CHPMC Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button MB91F577CHPMC Datasheet HTML 31Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 32Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 33Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 34Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 35Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 36Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 37Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 38Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 35 of 163
MB91570 Series
Pin Number
Pin Name
I/O Circuit Type
Function Description
82
P067
K
General-Purpose I/O Port
PWM2M1
SMC Output pin ch.1
AN15
ADC Analog Input pin ch.15
SIN9_1
Multi-function Serial Input pin ch.9 relocation 1
AIN0_1
Up/down Counter AIN Input pin ch.0 relocation 1
83
DVCC
-
Power Supply pin for SMC high current
84
DVSS
-
GND pin for SMC high current
85
P070
K
General-Purpose I/O Port
PWM1P2
SMC Output pin ch.2
AN16
ADC Analog Input pin ch.16
SOT9_1
Multi-function Serial Output pin ch.9 relocation 1
86
P071
K
General-Purpose I/O Port
PWM1M2
SMC Output pin ch.2
AN17
ADC Analog Input pin ch.17
SCK9_1
Multi-function Serial Clock I/O pin ch.9 relocation 1
87
P072
K
General-Purpose I/O Port
PWM2P2
SMC Output pin ch.2
AN18
ADC Analog Input pin ch.18
SIN8_1
Multi-function Serial Input pin ch.8 relocation 1
ICU11_1
Input Capture Input pin ch.11 relocation 1
88
P073
K
General-Purpose I/O Port
PWM2M2
SMC Output pin ch.2
AN19
ADC Analog Input pin ch.19
SOT8_1
Multi-function Serial Output pin ch.8 relocation 1
ICU10_1
Input Capture Input pin ch.10 relocation 1
89
P074
K
General-Purpose I/O Port
PWM1P3
SMC Output pin ch.3
AN20
ADC Analog Input pin ch.20
SCK8_1
Multi-function Serial Clock I/O pin ch.8 relocation 1
ICU9_1
Input Capture Input pin ch.9 relocation 1
PPG12_1
PPG Output pin ch.12 relocation 1
90
P075
K
General-Purpose I/O Port
PWM1M3
SMC Output pin ch.3
AN21
ADC Analog Input pin ch.21
SIN7_1
LIN_UART Serial Input pin ch.7 relocation 1
ICU8_1
Input Capture Input pin ch.8 relocation 1
PPG13_1
PPG Output pin ch.13 relocation 1
91
P076
K
General-Purpose I/O Port
PWM2P3
SMC Output pin ch.3
AN22
ADC Analog Input pin ch.22
SOT7_1
LIN_UART Serial Output pin ch.7 relocation 1
ICU7_1
Input Capture Input pin ch.7 relocation 1
PPG14_1
PPG Output pin ch.14 relocation 1
92
P077
K
General-Purpose I/O Port
PWM2M3
SMC Output pin ch.3
AN23
ADC Analog Input pin ch.23
SCK7_1
LIN_UART Serial Clock I/O pin ch.7 relocation 1
ICU6_1
Input Capture Input pin ch.6 relocation 1
PPG15_1
PPG Output pin ch.15 relocation 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com