Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CHPMC Datasheet(PDF) 106 Page - Cypress Semiconductor

Part # MB91F577CHPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CHPMC Datasheet(HTML) 106 Page - Cypress Semiconductor

Back Button MB91F577CHPMC Datasheet HTML 102Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 103Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 104Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 105Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 106Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 107Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 108Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 109Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 110Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 106 of 163
MB91570 Series
*8:
• Corresponding pins: all general-purpose ports. (Except P010 to P017, P020 to P027, P030 to P037, P040 to P047, P050 to
P053, P90/ADTG/PPG0_2)
• Use within recommended operating conditions.
• Use at DC voltage (current).
• The + B signal should always be applied by connecting a limiting resistor between the + B signal and the microcontroller.
• The value of the limiting resistor should be set so that the current input to the microcontroller pin does not exceed rated values
at any time regardless of instantaneously or constantly when the + B signal is input.
• Note that when the microcontroller drive current is low, such as in the low power consumption modes, the + B input potential
can increase the potential at the VCC pin via a protective diode, possibly affecting other devices.
• Note that if the + B signal is input when the microcontroller is off (not fixed at 0 V), since the power is supplied through the pin,
the microcontroller may operate incompletely.
• Note that if the +B signal is input at power-on, since the power is supplied through the pin, the power-on reset may not function
in the power supply voltage.
• Do not leave + B input pins open.
Sample recommended circuit
MB91570 series
+Binput (12 to 16V)
Protective diode
Limiting resistor current
WARNING:
Semiconductor devices may be permanently damaged by application of stress (including, without limitation, voltage, current or
temperature) in excess of absolute maximum ratings. Do not exceed any of these ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com