Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CHPMC Datasheet(PDF) 114 Page - Cypress Semiconductor

Part # MB91F577CHPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CHPMC Datasheet(HTML) 114 Page - Cypress Semiconductor

Back Button MB91F577CHPMC Datasheet HTML 110Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 111Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 112Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 113Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 114Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 115Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 116Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 117Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 118Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 114 of 163
MB91570 Series
(TA: Recommended operating conditions, VCC5 = 5.0V
±10%, VCCE = 5.0V±10%, VSS = DVSS = AVSS = 0.0V)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remar
ks
Min
Typ
Max
High current output
drive capacity
Phase-to-phase
deviation1
ΔV
OH6
PWM1Pn,
PWM1Mn,
PWM2Pn,
PWM2Mn
(n = 0 to 5)
DVCC = 4.5V
IOH = -30.0mA
Maximum deviation of
VOH6
–
–
90
mV
*2
High current output
drive capacity
Phase-to-phase
deviation2
ΔV
OL6
PWM1Pn,
PWM1Mn,
PWM2Pn,
PWM2Mn
(n = 0 to 5)
DVCC = 4.5V
IOL = 30.0mA
Maximum deviation of
VOL6
–
–
90
mV
*2
LCD divider resistor
RLCD
V0 to V1,
V1 to V2,
V2 to V3
–
6.25
12.5
25
kΩ
COM0 to COM3
output impedance
RVCOM
COMm
(m = 0 to 3)
–
–
–
4.5
kΩ
SEG00 to SEG31
output impedance
RVSEG
SEGn
(n = 00 to 31)
–
–
–
17
kΩ
LCDC leak current
ILCDC
V0 to V3,
COMm
(m = 0 to 3),
SEGn
(n = 00 to 31)
TA = +25˚C
-0.5
–
+0.5
μA
*1: The power supply current value when the external clock is supplied from the X1 pin. Note that the power supply current value
when using the external clock is different from that using the oscillator.
*2: If PWM1P0/PWM1M0/PWM2P0/PWM2M0 of ch.0 is turned on simultaneously, the maximum deviation of VOH6 / VOL6 for each
pin is defined. Same for other channels.
*3: This product contains both program flash and WorkFlash. This parameter is defined when only one of them is in the write/erase
state.
*4: MB91F575/7
*5: MB91F578/9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com