Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F577CHPMC Datasheet(PDF) 119 Page - Cypress Semiconductor

Part # MB91F577CHPMC
Description  32-bit RISC, load/store architecture, 5-stage pipeline
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F577CHPMC Datasheet(HTML) 119 Page - Cypress Semiconductor

Back Button MB91F577CHPMC Datasheet HTML 115Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 116Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 117Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 118Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 119Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 120Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 121Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 122Page - Cypress Semiconductor MB91F577CHPMC Datasheet HTML 123Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 163 page
background image
Document Number: 002-04725 Rev.*A
Page 119 of 163
MB91570 Series
13.4.3
Reset Input
(TA: Recommended operating conditions, VCC5 = 5.0V±10%, VSS = AVSS = 0.0V)
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Max
Reset input time
tRSTL
RSTX
–
10
–
µs
Under normal operation
Oscillation time of oscillator*
+100µs
–
ms
In Stop mode
100µs
–
µs
In RTC mode
Width for reset input
removal
1µs
–
µs
*: The oscillation time of the oscillator is the time it takes for the amplitude of the oscillations to reach 90%.
For crystal oscillators, this time is between several ms and several tens of ms, for ceramic oscillators the time is between several
hundred
μs and several ms, and for an external clock, the time is 0 ms.
RSTX
0.2Vcc5
0.2Vcc5
t
RSTL,
In Stop mode
0.2 VCC5
100
μs
RSTX
X0
90%
of
amplitude
Internal
operation clock
Oscillation time
of oscillator
Oscillation stabilization
waiting time
Instruction
execution
Internal reset
0.2 VCC5
tRSTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com