Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F442-E/P Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 22Page - Microchip Technology PIC18F442-E/P Datasheet HTML 23Page - Microchip Technology PIC18F442-E/P Datasheet HTML 24Page - Microchip Technology PIC18F442-E/P Datasheet HTML 25Page - Microchip Technology PIC18F442-E/P Datasheet HTML 26Page - Microchip Technology PIC18F442-E/P Datasheet HTML 27Page - Microchip Technology PIC18F442-E/P Datasheet HTML 28Page - Microchip Technology PIC18F442-E/P Datasheet HTML 29Page - Microchip Technology PIC18F442-E/P Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 332 page
background image
PIC18FXX2
DS39564B-page 24
 2002 Microchip Technology Inc.
2.7
Effects of SLEEP Mode on the
On-Chip Oscillator
When the device executes a SLEEP instruction, the
on-chip clocks and oscillator are turned off and the
device is held at the beginning of an instruction cycle
(Q1 state). With the oscillator off, the OSC1 and OSC2
signals will stop oscillating. Since all the transistor
switching currents have been removed, SLEEP mode
achieves the lowest current consumption of the device
(only leakage currents). Enabling any on-chip feature
that will operate during SLEEP will increase the current
consumed during SLEEP. The user can wake from
SLEEP through external RESET, Watchdog Timer
Reset, or through an interrupt.
TABLE 2-3:
OSC1 AND OSC2 PIN STATES IN SLEEP MODE
2.8
Power-up Delays
Power up delays are controlled by two timers, so that
no external RESET circuitry is required for most appli-
cations. The delays ensure that the device is kept in
RESET, until the device power supply and clock are
stable. For additional information on RESET operation,
see Section 3.0.
The first timer is the Power-up Timer (PWRT), which
optionally provides a fixed delay of 72 ms (nominal) on
power-up only (POR and BOR). The second timer is
the Oscillator Start-up Timer (OST), intended to keep
the chip in RESET until the crystal oscillator is stable.
With the PLL enabled (HS/PLL Oscillator mode), the
time-out sequence following a Power-on Reset is differ-
ent
from
other
Oscillator modes.
The time-out
sequence is as follows: First, the PWRT time-out is
invoked after a POR time delay has expired. Then, the
Oscillator Start-up Timer (OST) is invoked. However,
this is still not a sufficient amount of time to allow the
PLL to lock at high frequencies. The PWRT timer is
used to provide an additional fixed 2 ms (nominal)
time-out to allow the PLL ample time to lock to the
incoming clock frequency.
OSC Mode
OSC1 Pin
OSC2 Pin
RC
Floating, external resistor
should pull high
At logic low
RCIO
Floating, external resistor
should pull high
Configured as PORTA, bit 6
ECIO
Floating
Configured as PORTA, bit 6
EC
Floating
At logic low
LP, XT, and HS
Feedback inverter disabled, at
quiescent voltage level
Feedback inverter disabled, at
quiescent voltage level
Note:
See Table 3-1, in the “Reset” section, for time-outs due to SLEEP and MCLR Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com