Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F442-E/P Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 6Page - Microchip Technology PIC18F442-E/P Datasheet HTML 7Page - Microchip Technology PIC18F442-E/P Datasheet HTML 8Page - Microchip Technology PIC18F442-E/P Datasheet HTML 9Page - Microchip Technology PIC18F442-E/P Datasheet HTML 10Page - Microchip Technology PIC18F442-E/P Datasheet HTML 11Page - Microchip Technology PIC18F442-E/P Datasheet HTML 12Page - Microchip Technology PIC18F442-E/P Datasheet HTML 13Page - Microchip Technology PIC18F442-E/P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 332 page
background image
PIC18FXX2
DS39564B-page 8
 2002 Microchip Technology Inc.
FIGURE 1-1:
PIC18F2X2 BLOCK DIAGRAM
Instruction
Decode &
Control
PORTA
PORTB
PORTC
RA4/T0CKI
RA5/AN4/SS/LVDIN
RC0/T1OSO/T1CKI
RC1/T1OSI/CCP2(1)
RC2/CCP1
RC3/SCK/SCL
RC4/SDI/SDA
RC5/SDO
RC6/TX/CK
RC7/RX/DT
Note
1: Optional multiplexing of CCP2 input/output with RB3 is enabled by selection of configuration bit.
2: The high order bits of the Direct Address for the RAM are from the BSR register (except for the MOVFF instruction).
3: Many of the general purpose I/O pins are multiplexed with one or more peripheral module functions. The multiplexing combinations
are device dependent.
Addressable
CCP1
Synchronous
Timer0
Timer1
Timer2
Serial Port
RA3/AN3/VREF+
RA2/AN2/VREF-
RA1/AN1
RA0/AN0
A/D Converter
Data Latch
Data RAM
Address Latch
Address<12>
12
(2)
BSR
FSR0
FSR1
FSR2
4
12
4
PCH
PCL
PCLATH
8
31 Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
WREG
8
BIT OP
8
8
ALU<8>
8
Address Latch
Program Memory
(up to 2 Mbytes)
Data Latch
21
21
16
8
8
8
inc/dec logic
21
8
Data Bus<8>
8
Instruction
12
3
ROM Latch
Timer3
CCP2
Bank0, F
PCLATU
PCU
RA6
USART
Master
8
Register
Table Latch
Table Pointer
inc/dec
logic
Decode
RB0/INT0
RB4
RB1/INT1
RB2/INT2
RB3/CCP2(1)
RB5/PGM
RB6/PCG
RB7/PGD
Data EEPROM
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
OSC1/CLKI
OSC2/CLKO
MCLR
VDD, VSS
Brown-out
Reset
Timing
Generation
4X PLL
T1OSCI
T1OSCO
Precision
Reference
Voltage
Low Voltage
Programming
In-Circuit
Debugger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com