Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F442-E/P Datasheet(PDF) 98 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 98 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 94Page - Microchip Technology PIC18F442-E/P Datasheet HTML 95Page - Microchip Technology PIC18F442-E/P Datasheet HTML 96Page - Microchip Technology PIC18F442-E/P Datasheet HTML 97Page - Microchip Technology PIC18F442-E/P Datasheet HTML 98Page - Microchip Technology PIC18F442-E/P Datasheet HTML 99Page - Microchip Technology PIC18F442-E/P Datasheet HTML 100Page - Microchip Technology PIC18F442-E/P Datasheet HTML 101Page - Microchip Technology PIC18F442-E/P Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 332 page
background image
PIC18FXX2
DS39564B-page 96
 2002 Microchip Technology Inc.
TABLE 9-7:
PORTD FUNCTIONS
TABLE 9-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Name
Bit#
Buffer Type
Function
RD0/PSP0
bit0
ST/TTL(1)
Input/output port pin or parallel slave port bit0.
RD1/PSP1
bit1
ST/TTL(1)
Input/output port pin or parallel slave port bit1.
RD2/PSP2
bit2
ST/TTL(1)
Input/output port pin or parallel slave port bit2.
RD3/PSP3
bit3
ST/TTL(1)
Input/output port pin or parallel slave port bit3.
RD4/PSP4
bit4
ST/TTL(1)
Input/output port pin or parallel slave port bit4.
RD5/PSP5
bit5
ST/TTL(1)
Input/output port pin or parallel slave port bit5.
RD6/PSP6
bit6
ST/TTL(1)
Input/output port pin or parallel slave port bit6.
RD7/PSP7
bit7
ST/TTL(1)
Input/output port pin or parallel slave port bit7.
Legend: ST = Schmitt Trigger input, TTL = TTL input
Note 1: Input buffers are Schmitt Triggers when in I/O mode and TTL buffer when in Parallel Slave Port mode.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
All Other
RESETS
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
uuuu uuuu
LATD
LATD Data Output Register
xxxx xxxx
uuuu uuuu
TRISD
PORTD Data Direction Register
1111 1111
1111 1111
TRISE
IBF
OBF
IBOV
PSPMODE
—
PORTE Data Direction bits
0000 -111
0000 -111
Legend: x = unknown, u = unchanged, - = unimplemented, read as '0'. Shaded cells are not used by PORTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com