Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F442-E/P Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC18F442-E/P
Description  High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F442-E/P Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC18F442-E/P Datasheet HTML 5Page - Microchip Technology PIC18F442-E/P Datasheet HTML 6Page - Microchip Technology PIC18F442-E/P Datasheet HTML 7Page - Microchip Technology PIC18F442-E/P Datasheet HTML 8Page - Microchip Technology PIC18F442-E/P Datasheet HTML 9Page - Microchip Technology PIC18F442-E/P Datasheet HTML 10Page - Microchip Technology PIC18F442-E/P Datasheet HTML 11Page - Microchip Technology PIC18F442-E/P Datasheet HTML 12Page - Microchip Technology PIC18F442-E/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 332 page
background image
 2002 Microchip Technology Inc.
DS39564B-page 7
PIC18FXX2
1.0
DEVICE OVERVIEW
This document contains device specific information for
the following devices:
These devices come in 28-pin and 40/44-pin packages.
The 28-pin devices do not have a Parallel Slave Port
(PSP) implemented and the number of Analog-to-
Digital (A/D) converter input channels is reduced to 5.
An overview of features is shown in Table 1-1.
The following two figures are device block diagrams
sorted by pin count: 28-pin for Figure 1-1 and 40/44-pin
for Figure 1-2. The 28-pin and 40/44-pin pinouts are
listed in Table 1-2 and Table 1-3, respectively.
TABLE 1-1:
DEVICE FEATURES
• PIC18F242
• PIC18F442
• PIC18F252
• PIC18F452
Features
PIC18F242
PIC18F252
PIC18F442
PIC18F452
Operating Frequency
DC - 40 MHz
DC - 40 MHz
DC - 40 MHz
DC - 40 MHz
Program Memory (Bytes)
16K
32K
16K
32K
Program Memory (Instructions)
8192
16384
8192
16384
Data Memory (Bytes)
768
1536
768
1536
Data EEPROM Memory (Bytes)
256
256
256
256
Interrupt Sources
17
17
18
18
I/O Ports
Ports A, B, C
Ports A, B, C
Ports A, B, C, D, E Ports A, B, C, D, E
Timers
4
4
4
4
Capture/Compare/PWM Modules
2
2
2
2
Serial Communications
MSSP,
Addressable
USART
MSSP,
Addressable
USART
MSSP,
Addressable
USART
MSSP,
Addressable
USART
Parallel Communications
——
PSP
PSP
10-bit Analog-to-Digital Module
5 input channels
5 input channels
8 input channels
8 input channels
RESETS (and Delays)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
Programmable Low Voltage
Detect
Yes
Yes
Yes
Yes
Programmable Brown-out Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions
75 Instructions
75 Instructions
75 Instructions
Packages
28-pin DIP
28-pin SOIC
28-pin DIP
28-pin SOIC
40-pin DIP
44-pin PLCC
44-pin TQFP
40-pin DIP
44-pin PLCC
44-pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com