Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 24 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button P9221-R Datasheet HTML 20Page - Integrated Device Technology P9221-R Datasheet HTML 21Page - Integrated Device Technology P9221-R Datasheet HTML 22Page - Integrated Device Technology P9221-R Datasheet HTML 23Page - Integrated Device Technology P9221-R Datasheet HTML 24Page - Integrated Device Technology P9221-R Datasheet HTML 25Page - Integrated Device Technology P9221-R Datasheet HTML 26Page - Integrated Device Technology P9221-R Datasheet HTML 27Page - Integrated Device Technology P9221-R Datasheet HTML 28Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
P9221-R Datasheet
© 2016 Integrated Device Technology, Inc.
24
December 16, 2016
11. Functional Registers
The following tables provide the address locations, field names, available operations (R or RW), default values, and functional descriptions of
all the internally accessible registers contained within the P9221-R. The default I2 C slave address is 68HEX.
Table 8.
Device Identification Register
Address and Bit
Register Field Name
R/W
Default
Function and Description
00HEX [7:0]
Part_number_L
R
21HEX
Chip ID low byte
01HEX [7:0]
Part_number_H
R
92HEX
Chip ID high byte
Table 9.
Firmware Major Revision
Address and Bit
Register Field Name
R/W
Default
Function and Description
04HEX [7:0]
FW_Major_Rev_L
R
01HEX
Major firmware revision low byte
05HEX [7:0]
FW_Major_Rev_H
R
00HEX
Major firmware revision high byte
Table 10. Firmware Minor Revision
Address and Bit
Register Field Name
R/W
Default
Function and Description
06HEX [7:0]
FW_Minor_Rev_L
R
22HEX
Minor firmware revision low byte
07HEX [7:0]
FW_Minor_Rev_H
R
04HEX
Minor firmware revision high byte
Table 11. Status Registers
Address and Bit
Register Field Name
R/W
Default
Function and Description
34HEX [7]
Vout_Status
R
0BIN
“0” output voltage is off.
“1” output voltage is on.
34HEX [6]
Reserved
R
0BIN
34HEX [5]
Reserved
R
0BIN
34HEX [4]
Reserved
R
0BIN
34HEX [3]
Reserved
R
0BIN
34HEX [2]
Thermal_SHTDN_Status
R
0BIN
“0” indicates no over-temperature condition exists.
“1” indicates that die temperature exceeds 130°C or NTC is less
than 0.6V. The P9221-R sends an end power transfer (EPT)
packet to the transmitter.
34HEX [1]
VRECT_OV_ Status
R
0BIN
“1” indicates rectifier exceeds 20V for VOUT=12. EPT packet
send.
34HEX [0]
Current_Limit_Status
R
0BIN
“1” indicates current limit has been exceeded. The P9221-R
sends an end power transfer (EPT) packet to the transmitter.
35HEX [7:0]
Reserved
R
00HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com