Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 1 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 1 Page - Integrated Device Technology

  P9221-R Datasheet HTML 1Page - Integrated Device Technology P9221-R Datasheet HTML 2Page - Integrated Device Technology P9221-R Datasheet HTML 3Page - Integrated Device Technology P9221-R Datasheet HTML 4Page - Integrated Device Technology P9221-R Datasheet HTML 5Page - Integrated Device Technology P9221-R Datasheet HTML 6Page - Integrated Device Technology P9221-R Datasheet HTML 7Page - Integrated Device Technology P9221-R Datasheet HTML 8Page - Integrated Device Technology P9221-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Wireless Power Receiver
for 15W Applications
P9221-R
Datasheet
© 2016 Integrated Device Technology, Inc.
1
December 16, 2016
Description
The P9221-R is a high efficiency, Qi-compliant wireless power
receiver targeted for applications up to 15W. Using magnetic
inductive charging technology, the receiver converts an AC power
signal from a resonant tank into a regulated DC output voltage
setting with 9V and 12V. The integrated, low RDS (ON) syn-
chronous rectifier and ultra-low dropout offer high efficiency
making the product ideally suited for battery-operated applications.
The P9221-R includes an industry-leading 32 bit ARM® Cortex®-
M0 processor offering a high level of programmability. In addition,
the device features proprietary alignment guide information for
optimum coupling between the receiver and the transmitter, a
programmable current limit, and a patented over-voltage pro-
tection scheme eliminating the need for additional capacitors
generally used by the receivers, minimizing the external
component count and cost. Together with the P9242-R transmitter
(TX), the P9221-R is a complete wireless power system solution
for power applications up to 15W.
The P9221-R is available in a 52-WLCSP package and it is rated
for a 0 to 85°C ambient operating temperature range.
Typical Applications
Fast charge cellphone
Tablets
Accessories
Medical
Features
Single-chip solution supporting up to 15W applications
WPC-1.2.2 compliant
Patented over-voltage protection clamp eliminating external
capacitors
87% peak DC-to-DC efficiency with P9242-R TX
Proprietary coil alignment guide
Full synchronous rectifier with low RDS(ON) switches
Programmable output voltage: 9V and 12V
Embedded 32-bit ARM® Cortex®-M0 processor
Dedicated remote temperature sensing
Power transfer LED indicator
Programmable current limit
Active-low enable pin for electrical on/off
Open-drain interrupt flag
Supports I2C interface
0 to +85°C ambient operating temperature range
52-WLCSP (2.64
 3.94 mm; 0.4mm pitch)
Typical Application Circuit
AC1
COMM1
BST1
AC2
COMM2
BST2
OUT
SDA
SCL
INT
Programming
Resistors
LS
P9221-R
CS
COUT


Similar Part No. - P9221-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Renesas Technology Corp
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
Wireless Power Receiver for 15W Applications
October 10, 2017
P9221-R3 RENESAS-P9221-R3 Datasheet
1Mb / 46P
15W Wireless Charging Receiver with Bi-directional Data Communication
October 20, 2017
logo
Integrated Device Techn...
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
More results

Similar Description - P9221-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51013A TI-BQ51013A Datasheet
3Mb / 45P
INTEGRATED WIRELESS POWER SUPPLY RECEIVER
BQ51221 TI1-BQ51221 Datasheet
1Mb / 49P
Single Chip Wireless Power Receiver
BQ51222 TI1-BQ51222 Datasheet
215Kb / 8P
Single Chip Wireless Power Receiver
logo
Integrated Device Techn...
P9027LP-R IDT-P9027LP-R Datasheet
2Mb / 27P
Wireless Power Receiver
logo
Rohm
BD57011AGWL ROHM-BD57011AGWL Datasheet
2Mb / 24P
Wireless Power Receiver IC
BD57015GWL ROHM-BD57015GWL Datasheet
3Mb / 69P
Wireless Power Receiver IC
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
logo
Semtech Corporation
TS51223 SEMTECH-TS51223 Datasheet
2Mb / 20P
Wireless Power Receiver
logo
Rohm
BD57016GWL ROHM-BD57016GWL Datasheet
4Mb / 62P
Wireless Power Receiver IC
logo
Silicon Mitus, Inc.
SM5922 SILICONMITUS-SM5922 Datasheet
167Kb / 2P
Wireless Power Receiver
July 2021 Rev. 0.0.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com