Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 5 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 5 Page - Integrated Device Technology

  P9221-R Datasheet HTML 1Page - Integrated Device Technology P9221-R Datasheet HTML 2Page - Integrated Device Technology P9221-R Datasheet HTML 3Page - Integrated Device Technology P9221-R Datasheet HTML 4Page - Integrated Device Technology P9221-R Datasheet HTML 5Page - Integrated Device Technology P9221-R Datasheet HTML 6Page - Integrated Device Technology P9221-R Datasheet HTML 7Page - Integrated Device Technology P9221-R Datasheet HTML 8Page - Integrated Device Technology P9221-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
P9221-R Datasheet
© 2016 Integrated Device Technology, Inc.
5
December 16, 2016
1. Pin Assignments
Figure 1. Pin Assignments
COMM1
RSV4
GND
OUT
ALIGNX
ALIGNY
SINK
OUT
SCL
SDA
INT
OUT
VOSET
ILIM
RPPO
OUT
RPPG
DEN
OUT
COMM2
RSV5
GND
OUT
A
B
C
D
E
F
1
2
3
4
5
6
AC1
RSV3
TS
AC2
BST2
G
BST1
AC1
RSV2
RSV1
AC2
AC2
H
AC1
GND
GND
GND
GND
GND
GND
J
Bottom View
EN
VDD18
VDD5V
VRECT
VRECT
VRECT
VRECT
VRECT
VRECT
VRECT
VRECT
2. Pin Descriptions
Table 1.
Pin Descriptions
Pins
Name
Type
Function
A1
COMM1
O
Open-drain output used to communicate with the transmitter. Connect a 47nF capacitor from
AC1 to COMM1.
A2
ALIGNX
I
AC input for coil alignment guide. If not used, connect to GND through a 10kΩ resistor.
A3
SCL
I
I2C clock pin. Open-drain output. Connect a 5.1kΩ resistor to VDD18 pin.
A4
VOSET
I
Programming pin for setting the output voltage. Connect this pin to the center tap of a resistor
divider to set the output voltage. For more information, refer to section 8.2 for different output
voltage settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com