Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 28 Page - Integrated Device Technology

Part # P9221-R
Description  Wireless Power Receiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9221-R Datasheet(HTML) 28 Page - Integrated Device Technology

Back Button P9221-R Datasheet HTML 24Page - Integrated Device Technology P9221-R Datasheet HTML 25Page - Integrated Device Technology P9221-R Datasheet HTML 26Page - Integrated Device Technology P9221-R Datasheet HTML 27Page - Integrated Device Technology P9221-R Datasheet HTML 28Page - Integrated Device Technology P9221-R Datasheet HTML 29Page - Integrated Device Technology P9221-R Datasheet HTML 30Page - Integrated Device Technology P9221-R Datasheet HTML 31Page - Integrated Device Technology P9221-R Datasheet HTML 32Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
P9221-R Datasheet
© 2016 Integrated Device Technology, Inc.
28
December 16, 2016
Table 23. Command Register
Address and Bit
Register Field Name
R/W
Default
Function and Description
4EHEX [7:6]
Reserved
R
0HEX
Reserved.
4EHEX [5]
Clear Interrupt
RW
0HEX
If application processor sets this bit to "1," the P9221-R clears
the interrupt pin.
4EHEX [4]
Reserved
R
0HEX
Reserved
4EHEX [3]
Send End of Power
RW
0HEX
If application processor sets this bit to "1," the P9221-R sends
the end power transfer packet (defined in the End of Power
Transfer register shown in Table 15) to the transmitter and then
sets this bit to "0."
4EHEX [2]
Reserved
R
0HEX
Reserved
4EHEX [1]
Toggle LDO On/OFF
RW
0HEX
If application processor sets this bit to "1,” the P9221-R toggles
the LDO output once (from on to off or from off to on), and then
sets this bit to “0.”
4EHEX [0]
Reserved
R
0HEX
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com