Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9235A-R Datasheet(PDF) 20 Page - Integrated Device Technology

Part # P9235A-R
Description  Wireless Power Transmitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9235A-R Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button P9235A-R Datasheet HTML 15Page - Integrated Device Technology P9235A-R Datasheet HTML 16Page - Integrated Device Technology P9235A-R Datasheet HTML 17Page - Integrated Device Technology P9235A-R Datasheet HTML 18Page - Integrated Device Technology P9235A-R Datasheet HTML 19Page - Integrated Device Technology P9235A-R Datasheet HTML 20Page - Integrated Device Technology P9235A-R Datasheet HTML 21Page - Integrated Device Technology P9235A-R Datasheet HTML 22Page - Integrated Device Technology P9235A-R Datasheet HTML 23Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
P9235A-R Datasheet
© 2016 Integrated Device Technology, Inc
20
May 17, 2016
Components Selection
Table 13. Component List
Item
Qty
Reference
Description
PCB Footprint
MFG Part Number
1
3
C1,C24,C33
22 nF/50 V
0402
C0402C223K5RACTU
2
1
C2
1 uF/10 V
0402
C0402C105M8PACTU
3
2
C3,C4
220 pF/50 V
0402
CL05B221KB5NNNC
4
1
C5
5.6 nF/50 V
0402
CL05B562KB5NNNC
5
1
C6
6.8 nF/50 V
0402
CL05B682JB5NNNC
6
5
C9,C12,C13,C18,C31
0.1 uF/25 V
0402
TMK105BJ104KV-F
7
1
C8
10 uF/10 V
0402
CL05A106MP5NUNC
8
5
C10,C11,C19,C21,C30
10 uF/25 V
0603
CL10A106MA8NRNC
9
4
C7,C14,C27,C29
1 uF/10 V
0402
CL05A105KP5NNNC
10
4
C15,C17,C23,C25
100 nF/50 V
1206
C3216C0G1H104J160AA
11
2
C16,C26
100 nF
0402
C1005X6S1V104K050BB
12
3
C20,C34,C28
0.1 uF/10 V
0402
C0402C104K8RACTU
13
4
C22,C32,C35,C36
NP
0402
14
1
D1
DIODE
SOD523PD
CMOD3003
15
1
D2
Red LED
0603
150 060 RS7 500 0
16
1
D3
Green LED
060
150 060 GS7 500 0
17
1
J1
5 P
usb_micro_ab
10104111-0001LF
18
1
L1
4.7 uH
0603
CIG10W4R7MNC
19
1
L2
Transmitter coil
7650308101104
20
1
Q1
80 mOhm/4.5 V
SOT23-6
FDC654P
21
2
Q2,Q3
N-Channel MOSFETs
DFN
3 mm X 3 mm
AON7810
22
1
R1
10 K/%1
402
RCG040210K0FKED
23
3
R2,R8,R22
1 k
0402
RC0402FR-071KL
24
1
R3
220 k
0402
RC0402FR-07220KL
25
2
R4,R5
10
0402
RT0402DRE0710RL
26
1
R6
0.02
0603
WSL0805R0200FEA
27
3
R7,R13,R19
100 k
0402
ERJ-2GEJ104X
28
4
R9,R12,R14,R16
12
0402
ERJ-2GEJ120X
29
6
R10,R15,R24.R25,R26,R2
7
NP
0402
30
2
R11,R18
0 OHMS RESISTOR
0402
RC0402JR-070RL
31
1
R17
5.1 k
0402
MCR01MRTJ512
32
1
R20
10 k
0402
CRCW040210K0JNED
33
1
R21
100
0402
RC0402JR-07100RL
34
1
R23
680
0402
RC0402JR-07680RL
35
4
R28,R29,R30,R31
47 k
0402
ERJ-2GEJ473X
36
1
RT1
THERMISTOR
0603
ERT-J1VG103FA
37
1
U1
IDTP9235
QFN_5 x 5 mm
P9235A-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com