Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9235A-R Datasheet(PDF) 3 Page - Integrated Device Technology

Part # P9235A-R
Description  Wireless Power Transmitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9235A-R Datasheet(HTML) 3 Page - Integrated Device Technology

  P9235A-R Datasheet HTML 1Page - Integrated Device Technology P9235A-R Datasheet HTML 2Page - Integrated Device Technology P9235A-R Datasheet HTML 3Page - Integrated Device Technology P9235A-R Datasheet HTML 4Page - Integrated Device Technology P9235A-R Datasheet HTML 5Page - Integrated Device Technology P9235A-R Datasheet HTML 6Page - Integrated Device Technology P9235A-R Datasheet HTML 7Page - Integrated Device Technology P9235A-R Datasheet HTML 8Page - Integrated Device Technology P9235A-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
P9235A-R Datasheet
© 2016 Integrated Device Technology, Inc
3
May 17, 2016
Electrical Characteristics
Table 4. Device Characteristics
VIN = 5 V, VDDIO = 3.3 V, EN
¯¯ = 0V, LP= 6.5 µH, CP = 400 nF TA = -40C to +85C. Typical values are at 25°C, unless otherwise noted.
Symbol
Description
Conditions/Notes
Min
Typical
Max
Units
Input Supplies and UVLO
VIN
Input Operating Range
4.5
5.0
5.5
V
VIN_UVLO_FW
Firmware Controlled Under-
Voltage Lockout.
VIN Rising
4.3
V
ISTD_BY2
Standby Mode Current
Periodic ping
12
mA
ISHD
Shutdown Current
ENB = VIN
25
80
µA
Enable - EN
¯¯
VOH_ENB
Output logic high
2.0
V
VOL_ENB
Output logic low
0.25
V
Buck Converter1,2 - COUT=10µF; L=4.7µH
VOUT
Buck Output Voltage
VIN>5.5V
5
V
IOUT
Output Current
50
mA
N-Channel MOSFET Drivers
TLS_ON_OFF
Low Side Gate Drive Rise & Fall
times
CL= 3nF; 10 – 90%, 90 – 10%
50
150
ns
THS_ON_OFF
High Side Gate Drive rise & Fall
times
CL= 3nF; 10 – 90%, 90 – 10%
150
300
ns
Input Current Sense
VSEN_OFST
Amplifier offset voltage
Measured at ISNS_OUT pin;
ISNS_H=ISNS_L
0.6
V
ISENACC_TYP
Measured Current sense
accuracy
VR_ISEN=25mV, I=1.25A
±3.5
%
Analog to Digital Converter
N
Resolution
12
Bit
Channel
Number of channels
10
VIN,FS
Full scale Input voltage
2.4
V
LDO181,2 - COUT=1µF;
VOUT18
Output voltage
1.71
1.8
1.89
V
ΔVOUT/VOUT
Output voltage accuracy
±5
%
IOUT18_MAX
Maximum load current
10
mA
LDO331,2 - COUT=1µF;
VOUT33
Output voltage
3.15
3.3
3.45
V
ΔVOUT/VOUT
Output voltage accuracy
±5
%
IOUT33_MAX
Maximum Output Current
20
mA
Thermal Shutdown
TSD
Thermal shutdown
Threshold Rising
140
°C
Threshold Falling
120
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com