Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9235A-R Datasheet(PDF) 1 Page - Integrated Device Technology

Part # P9235A-R
Description  Wireless Power Transmitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9235A-R Datasheet(HTML) 1 Page - Integrated Device Technology

  P9235A-R Datasheet HTML 1Page - Integrated Device Technology P9235A-R Datasheet HTML 2Page - Integrated Device Technology P9235A-R Datasheet HTML 3Page - Integrated Device Technology P9235A-R Datasheet HTML 4Page - Integrated Device Technology P9235A-R Datasheet HTML 5Page - Integrated Device Technology P9235A-R Datasheet HTML 6Page - Integrated Device Technology P9235A-R Datasheet HTML 7Page - Integrated Device Technology P9235A-R Datasheet HTML 8Page - Integrated Device Technology P9235A-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Wireless Power Transmitter for ≤3W
Applications
P9235A-R
Datasheet
© 2016 Integrated Device Technology, Inc
1
May 17, 2016
Description
The P9235A-R is a 3W, magnetic induction, wireless power
transmitter for low power applications. The system-on-chip
operates with an input voltage range of 4.5 – 5.5V while
integrating micro-controller, voltage regulation, over-current
protection, full bridge power stage drivers and on-chip
simultaneous voltage and current demodulation.
The transmitter includes industry-leading 32bit ARM® Cortex®-
M0 processor offering a high level of programmability, while
consuming extremely low standby power. The device features
two LED outputs with pre-defined user programmable blinking
patterns, buzzer and programmable over-current protection
supporting wide range of applications. The I2C serial
communication allows the user to read back information such as
voltage, current, frequency and fault conditions. Together with the
P9027LP-R receiver, the P9235A-R is a complete wireless power
system solution.
The P9235A-R is available in a Pb-free, space-saving VFQFN 5
mm X 5 mm, 40 pin package. The product is rated over an
operating temperature range of -40ºC to +85ºC.
Typical Applications
Smart Watches
Headsets
Health and Fitness monitors
Portable Medical applications
Figure 1. Application Diagram
Features
VIN range: 4.5 - 5.5 V
Supports receiver for up to 3W of power transfer
80% peak efficiency (when coupled with P9027LP receiver)
Integrated power stage drivers
Low standby power
Simultaneous voltage and current demodulation
Integrated 32 bit ARM® Cortex®-M0 Processor
Supports I2C interface for field programmability
Programmable current limit
Over-Current and Over-Temperature protection
Active low enable pin for electrical on/off
Pre-defined programmable LED patterns
Dedicated remote temperature sensing
-40ºC to +85ºC ambient operating temperature range
VFQFN 5mm X 5mm, 40 pin package
VIN
EN
On
Off
SCL
P9235A-R
GL_BRG1
GH_BRG1
GL_BRG2
GH_BRG2
VSNS
RSENSE
Discrete
R,C Filter 2
LED_GRN
LED_RED
LDO33
4.5V -5.5V
SW_B
VIN_LDO
VO_5
LDO33
LDO18
SDA
ILIM
LED_PAT
RSVD1
RSVD2
Resistor
dividers
LDO18
TS
LDO18
Discrete
R,C Filter 1
V_BRIDGE


Similar Part No. - P9235A-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9235A-R RENESAS-P9235A-R Datasheet
1Mb / 24P
Wireless Power Transmitter for ≤3W Applications
May 17, 2016
P9235A-RB RENESAS-P9235A-RB Datasheet
537Kb / 22P
Wireless Power Transmitter for up to 5W Applications
November 9, 2021
P9235A-RBNDGI RENESAS-P9235A-RBNDGI Datasheet
537Kb / 22P
Wireless Power Transmitter for up to 5W Applications
November 9, 2021
More results

Similar Description - P9235A-R

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87100 ZILOG-Z87100 Datasheet
213Kb / 48P
Wireless Transmitter
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
Wireless Power Transmitter Manager
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
Wireless Power Transmitter Manager
BQ500215 TI1-BQ500215 Datasheet
2Mb / 35P
Compliant Wireless Power Transmitter Manager
logo
Integrated Device Techn...
P9242-R IDT-P9242-R Datasheet
1Mb / 31P
Wireless Power Transmitter
logo
Linear Technology
LTC4125 LINER-LTC4125 Datasheet
454Kb / 28P
5W AutoResonant Wireless Power Transmitter
logo
Rohm
BD57020MWV ROHM-BD57020MWV Datasheet
3Mb / 42P
Wireless Power Transmitter IC
BD57021MWV ROHM-BD57021MWV Datasheet
3Mb / 41P
Wireless Power Transmitter IC
logo
Integrated Device Techn...
P9260 IDT-P9260 Datasheet
158Kb / 2P
15W Wireless Power Transmitter
logo
NXP Semiconductors
WCT1101DS NXP-WCT1101DS Datasheet
2Mb / 35P
Consumer Low Power Wireless Transmitter Controller
Rev. 1.0, 02/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com