Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9235A-R Datasheet(PDF) 15 Page - Integrated Device Technology

Part # P9235A-R
Description  Wireless Power Transmitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9235A-R Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button P9235A-R Datasheet HTML 11Page - Integrated Device Technology P9235A-R Datasheet HTML 12Page - Integrated Device Technology P9235A-R Datasheet HTML 13Page - Integrated Device Technology P9235A-R Datasheet HTML 14Page - Integrated Device Technology P9235A-R Datasheet HTML 15Page - Integrated Device Technology P9235A-R Datasheet HTML 16Page - Integrated Device Technology P9235A-R Datasheet HTML 17Page - Integrated Device Technology P9235A-R Datasheet HTML 18Page - Integrated Device Technology P9235A-R Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
P9235A-R Datasheet
© 2016 Integrated Device Technology, Inc
15
May 17, 2016
Table 9. ILIM programmable thresholds
Max Power
Vout
/Max Iout
Input current Limit
threshold
Voltage on ILIM
pin
Resistor Divider Values
(Input voltage: LDO18)
RTOP
[R26]
RBOTTOM
[R30]
1W
5 V/200 mA
0.75 A
0.48 V
130 kΩ,1%
47 kΩ,1%
2W
5 V/400 mA
1.25 A
0.78 V
NP
47 kΩ,1%
3W
5 V/600 mA
2.0 A
1.23 V
22 kΩ,1%
47 kΩ,1%
Remote Temperature Sensing and Over Temperature Protection
The P9235A-R uses a NTC thermistor connected to the TS pin to monitor the remote temperature during the power transfer phase. Connect
the NTC thermistor to a voltage divider as shown in Figure 15. If the voltage on the TS pin decreases below 0.6 V, the transmitter shuts off
the power, and will resume the wireless power transfer once the TS pin voltage rises above 0.8 V.
Figure 12. NTC connection
LDO33
TS
RBIAS
RTHM
VTS =
LDO33 × RTHM,TRIP
(RTHM,TRIP + RBIAS)
= 600mV
Where:
VTS (V) = Trip voltage at the desired trip temperature
RTHM,TRIP (kΩ) = Resistance of the thermistor at the desired trip temperature
Given LDO33 = 3.3V and RBIAS=10kΩ, then RTHM,TRIP = 2.22 kΩ at the trip temperature
The basic characteristic of an NTC thermistor is:


0
0
T
1
T
1
B
exp
R
R
Where:
T (Kelvin) = The trip temperature.
R0 (kΩ) = The known resistance at calibration temperature T0 (Kelvin).
B (beta, Kelvin) = The material constant .
With RBIAS=10kΩ, RTHM =2.2kΩ, and VTS=600mV at a trip temperature T, the desired R0 and B can be calculated, and the appropriate
thermistor chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com