Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7012 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ZLED7012
Description  Low-Voltage Four-Channel LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7012 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ZLED7012 Datasheet HTML 2Page - Integrated Device Technology ZLED7012 Datasheet HTML 3Page - Integrated Device Technology ZLED7012 Datasheet HTML 4Page - Integrated Device Technology ZLED7012 Datasheet HTML 5Page - Integrated Device Technology ZLED7012 Datasheet HTML 6Page - Integrated Device Technology ZLED7012 Datasheet HTML 7Page - Integrated Device Technology ZLED7012 Datasheet HTML 8Page - Integrated Device Technology ZLED7012 Datasheet HTML 9Page - Integrated Device Technology ZLED7012 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ZLED7012 Datasheet
© 2016 Integrated Device Technology, Inc.
6
April 20, 2016
No.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
EN/SET Input (PCC Serial Digital Interface)
1.3.6
Enable threshold low
VEN_L
VCC = 2.8V
0.4
V
1.3.7
Enable threshold high
VEN_H
VCC = 5.5V
1.4
V
1.3.8
EN/SET low time
TEN/SET_LO
0.3
75
μs
1.3.9
Minimum EN/SET high time
TEN/SET_HI_MIN
50
ns
1.3.10
Maximum EN/SET high time
TEN/SET_HI_MAX
75
μs
1.3.11
EN/SET off timeout *
TOFF
500
μs
1.3.12
EN/SET latch timeout *
TLAT
500
μs
1.3.13
Internal EN/SET pull-down
resistor
REN/SET_DOWN
500
kΩ
1.4.
Typical Performance Graphs
Figure 1.1
Operating Current ICC over Supply Voltage VCC Range (2.8V to 5.5V) at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com