Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7012 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZLED7012
Description  Low-Voltage Four-Channel LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7012 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZLED7012 Datasheet HTML 6Page - Integrated Device Technology ZLED7012 Datasheet HTML 7Page - Integrated Device Technology ZLED7012 Datasheet HTML 8Page - Integrated Device Technology ZLED7012 Datasheet HTML 9Page - Integrated Device Technology ZLED7012 Datasheet HTML 10Page - Integrated Device Technology ZLED7012 Datasheet HTML 11Page - Integrated Device Technology ZLED7012 Datasheet HTML 12Page - Integrated Device Technology ZLED7012 Datasheet HTML 13Page - Integrated Device Technology ZLED7012 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ZLED7012 Datasheet
© 2016 Integrated Device Technology, Inc.
10
April 20, 2016
2.6.
PCC Serial Digital Interface
The ZLED7012 detects the rising edges of the control signal input on the EN/SET pin via an internal counter and decodes the
signal into one of the 14 current level settings given in Table 2.1. The control signal timing can vary (even during a programming
cycle), and its frequency can range from high data rates (e.g., 1MHz) to very low rates (e.g., 15kHz). (Also see section 2.4.) After
sending the constant current level code data, the control system holds the EN/SET signal high for time TLAT
(500μs minimum) so
that the ZLED7012 latches the programmed current level code into the data register and the current level becomes active as
illustrated in Figure 2.1. The internal counter is then reset to zero to be ready for the next programming cycle. This process is
repeated for the next data sent by the control system for subsequent current level programming. See section 2.4 regarding the
low-current shutdown mode, which is entered when the EN/SET signal remains low for longer than TOFF (
500μs minimum).
Figure 2.1
PCC Serial Digital Interface Signal Timing
EN/SET
TLO
THI
TLAT
TOFF
Data Reg
1
2
n
n= 14
1
n
0
IOUT
3
Operating Conditions
3.1.
RF Noise Reduction
The ZLED7012 charge pump operates at a fixed frequency of 1MHz (typical) to limit noise and harmonics and prevent generation
of RF interference by the ZLED7012, which could affect operation of local communication devices, such as cell phones. The soft-
start feature also prevents noise transients caused by inrush currents due to charge pump start-up.
The ZLED7012 has significantly lower back-injected noise at the input pin of the charge pump (typically 60mV peak-to-peak),
compared to inductor-based DC/DC boost converter solutions for white LED backlight applications (typically 10 times higher).
3.2.
ZLED7012 Thermal Protection
The ZLED7012 includes an on-board temperature sensing circuit that shuts down the ZLED7012 and turns off its outputs if the die
junction temperature exceeds 160°C (typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com