Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7012 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ZLED7012
Description  Low-Voltage Four-Channel LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7012 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ZLED7012 Datasheet HTML 6Page - Integrated Device Technology ZLED7012 Datasheet HTML 7Page - Integrated Device Technology ZLED7012 Datasheet HTML 8Page - Integrated Device Technology ZLED7012 Datasheet HTML 9Page - Integrated Device Technology ZLED7012 Datasheet HTML 10Page - Integrated Device Technology ZLED7012 Datasheet HTML 11Page - Integrated Device Technology ZLED7012 Datasheet HTML 12Page - Integrated Device Technology ZLED7012 Datasheet HTML 13Page - Integrated Device Technology ZLED7012 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ZLED7012 Datasheet
© 2016 Integrated Device Technology, Inc.
12
April 20, 2016
Select a pump capacitor value in the range of 0.47µF to 2.2µF depending on output current requirements; 1µF is recommended for
most applications. When designing the circuit to operate at high levels of output current, choose a higher value of capacitance; low
output currents do not require a large pump capacitor. As with Cin and Cout, low ESR ceramic capacitors are recommended for
the pump capacitor. See section 4.2.1 for a discussion of low ESR capacitors.
4.2.3.
LEDs
The ZLED7012’s low dropout current sinks are capable of driving most types of LEDs with forward voltages as high as 4.7V at full
current with a Vcc input supply of 2.8V to 5.5V. High-current LEDs can be driven by using any of the D3:D0 pins in parallel.
The brightness of the LEDs being driven will match despite any variations in the forward voltage (VF) of the individual LEDs
because the [D3:D0] output current sinks are matched with negligible voltage dependence (see section 1.3 for specifications).
4.3.
Unused LED Driver Pins
LED driver pin D0 must always be used. If any of the LED driver pins [D1:D3] are unused, disable the pin(s) by connecting them to
ground to avoid noise coupling.
5
ESD Protection
From each I/O or VCC pin to GND, there is an ESD protection of
≥±3000V. Between the I/O pins, there is an ESD protection of
≥±1000V according the Human Body Model (HBM). The ESD test follows the H
uman Body Model with 1.5 kΩ/100 pF based on
MIL 883-G, Method 3015.7.
6
Pin Configuration and Package
Figure 6.1
Pin Configuration ZLED7012 – Top View
1
2
3
7
8
9
GND
NC
NC
VCC
VOUT
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com