Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7012 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ZLED7012
Description  Low-Voltage Four-Channel LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED7012 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ZLED7012 Datasheet HTML 6Page - Integrated Device Technology ZLED7012 Datasheet HTML 7Page - Integrated Device Technology ZLED7012 Datasheet HTML 8Page - Integrated Device Technology ZLED7012 Datasheet HTML 9Page - Integrated Device Technology ZLED7012 Datasheet HTML 10Page - Integrated Device Technology ZLED7012 Datasheet HTML 11Page - Integrated Device Technology ZLED7012 Datasheet HTML 12Page - Integrated Device Technology ZLED7012 Datasheet HTML 13Page - Integrated Device Technology ZLED7012 Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ZLED7012 Datasheet
© 2016 Integrated Device Technology, Inc.
11
April 20, 2016
Cin
VCC
EN/SET
GND
C+
C-
Cout
2.8 V to 5.5V
Vout
D0
D1
D2
D3
1
2
n<=14
1
μF
2.2
μF
2.2
μF
NC
NC
ZLED7012
Cpump
4
Application Circuit Design
4.1.
Applications
The ZLED7012 is designed for white or other color LED applications requiring a controlled LED current that is generated from a
varying input voltage. Typical applications include main/sub LCD display backlighting, cell phones (including smartphones),
personal digital assistants (PDAs), MP3/MP4 devices, portable media players (PMPs), and general purpose low-voltage industrial
applications. See section 4.2.3 for details and requirements for the LEDs.
Figure 4.1
Basic Application Circuit using D2:D0
4.2.
External Components
4.2.1.
External Capacitors Cout and Cin
The values and type of capacitors used for Cin and Cout can affect several circuit parameters including transient performance,
turn-on time, and output ripple. Use low equivalent series resistance (ESR) ceramic capacitors (internal resistance
< 100mΩ) for
best performance, lower costs, and component size reduction. Low ESR capacitors can enable applications at the highest LED
forward voltage with the lowest supply voltage. Tantalum and aluminum electrolytic are not generally recommended because the
ESR is typically in the range of several ohms.
Note: The recommended starting value when determining the optimal value for Cout
is 2.2μF. There is often a design trade-off
between low ESR ratings and smaller size because physically larger ceramic capacitors usually have a relatively lower ESR, which
can improve the operating range of the circuit.
Cin is a bypass capacitor (
2.2μF) essential to proper operation because it must deliver the dynamic current for the charge pump.
4.2.2.
External Pump Capacitor
The external pump capacitor Cpump connected between the C+ and C- pins is an essential part of the ZLED7012’s internal charge
pump circuit. Because the ZLED7012 operates at a constant charge-pump frequency of 1MHz (typical), it is important that the
pump capacitance is greater than 0.47
μF so it can transfer enough charge each cycle to supply sufficient load current. To reduce
voltage fluctuations on the supply line, do not use a value for the pump capacitor that is greater than the bypass capacitor, Cin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com