Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078ACPZ-RL Datasheet(PDF) 49 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 49 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 45Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 46Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 47Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 48Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 49Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 50Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 51Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 52Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 48 of 107
AWATT
INTERNAL POWER
ACCUMULATOR
AWATT, LOW PASS
FILTERED
ACTIVE POWER
POSITIVE
ACTIVE POWER,
PWATT_ACC
PHASE A ACTIVE POWER
SIGN INDICATION:
AWSIGN, IN PHSIGN
POWER UP DATE INTERVAL
SET IN PWR_TIME
ACCUMULATED
ACTIVE POWER,
AWATT_ACC
NEGATIVE
ACTIVE POWER,
NWATT_ACC
PHASE A ACTIVE POWER
SIGN CHANGE INDICATION:
REVAPA, IN STATUS0
CLEARED AFTER USER WRITES STATUS0
REGISTER WITH REVAPA BIT SET,
Figure 68. Power Accumulation and Power Sign
Zero-Crossing Detection
The ADE9078 offers zero-crossing detection on the VA, VB,
VC, IA, IB, and IC input signals. The neutral current channel,
IN, does not contain a zero-crossing detection circuit. Figure 69
shows the current and voltage channel datapaths preceding
zero-crossing detection. The zero-crossing circuit is the time
base for resampling, line period, angle measurements, and
energy accumulation using line cycle accumulation mode. The
xV_PCF and xI_PCF are the voltage and current channel
waveforms processed by the DSP, which can be stored into the
waveform buffer at a 4 kSPS data rate (see the Waveform Buffer
section for more information).
CURRENT CHANNEL
VOLTAGE CHANNEL
ZX DETECTION
LPF1
xVGAIN
PHASE
COMP
HPFDIS
ZX_SRC_SEL
VCONSEL1
VB = –VA – VC
VB = VA – VC
VB = –VA
VA = VA – VB;
VB = VA – VC;
VC = VC – VB;
xIGAIN
HPF
xIGAINx
PHASE
COMP
INTEGRATOR
MTEN
HPFDIS
INTEN
ICONSEL2
IB = –IA – IC
xV_PCF
xI_PCF
ZX_SRC_SEL
÷32
ZX DETECTION
LPF1
2ICONSEL ONLY AFFECTS IB CHANNEL CALCULATION
1VCONSEL SUPPORTS SEVERAL 3-WIRE AND 4-WIRE HARDWARE CONFIGURATIONS
÷32
100
011
010
001
000
Figure 69. Voltage and Current Channel Signal Chain Preceding Zero-Crossing Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com