Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078ACPZ-RL Datasheet(PDF) 82 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 82 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 78Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 79Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 80Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 81Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 82Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 83Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 84Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 85Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 108 page
background image
Data Sheet
ADE9078
Rev. 0| Page 81 of 107
Addr.
Name
Description
Len
(Bits)
Reset
Access
0x24D
CVRMS
Phase C filter based voltage rms value, updates at 4 kSPS.
32
0x00000000
R
0x250
CWATT
Phase C low-pass filtered total active power, updated at 4 kSPS.
32
0x00000000
R
0x251
CVAR
Phase C low-pass filtered total reactive power, updated at 4 kSPS.
32
0x00000000
R
0x252
CVA
Phase C total apparent power, updated at 4 kSPS.
32
0x00000000
R
0x254
CFVAR
Phase C fundamental reactive power, updated at 4 kSPS.
32
0x00000000
R
0x256
CPF
Phase C power factor, updated at 1.024 sec.
32
0x00000000
R
0x25D
CMTREGION
If multipoint gain and phase compensation is enabled, with MTEN = 1 in
the CONFIG0 register, these bits indicate which CIGAINx and CPHCALx is
currently being used.
32
0x0000000F
R
0x265
NI_PCF
Instantaneous neutral current channel waveform processed by the DSP, at
4 kSPS.
32
0x00000000
R
0x266
NIRMS
Neutral current filter based rms value.
32
0x00000000
R
0x269
ISUMRMS
Filter based rms based on the sum of IA + IB + IC ± IN.
32
0x00000000
R
0x26A
VERSION2
This register indicates the version of the metrology algorithms after the
user writes run = 1 to start the measurements.
32
0x0000000C
R
0x2E5
AWATT_ACC
Phase A accumulated total active power, updated after PWR_TIME 4 kSPS
samples.
32
0x00000000
R
0x2E6
AWATTHR_LO
Phase A accumulated total active energy, LSBs. Updated according to the
settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x2E7
AWATTHR_HI
Phase A accumulated total active energy, MSBs. Updated according to the
settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x2EF
AVAR_ACC
Phase A accumulated total reactive power, updated after PWR_TIME
4 kSPS samples.
32
0x00000000
R
0x2F0
AVARHR_LO
Phase A accumulated total reactive energy, LSBs. Updated according to
the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x2F1
AVARHR_HI
Phase A accumulated total reactive energy, MSBs. Updated according to
the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x2F9
AVA_ACC
Phase A accumulated total apparent power, updated after PWR_TIME
4 kSPS samples.
32
0x00000000
R
0x2FA
AVAHR_LO
Phase A accumulated total apparent energy, LSBs. Updated according to
the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x2FB
AVAHR_HI
Phase A accumulated total apparent energy, LSBs. Updated according to
the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x30D
AFVAR_ACC
Phase A accumulated fundamental reactive power, updated after
PWR_TIME 4 kSPS samples.
32
0x00000000
R
0x30E
AFVARHR_LO
Phase A accumulated fundamental reactive energy, LSBs. Updated
according to the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x30F
AFVARHR_HI
Phase A accumulated fundamental reactive energy, MSBs. Updated
according to the settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x321
BWATT_ACC
Phase B accumulated total active power, updated after PWR_TIME 4 kSPS
samples.
32
0x00000000
R
0x322
BWATTHR_LO
Phase B accumulated total active energy, LSBs. Updated according to the
settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x323
BWATTHR_HI
Phase B accumulated total active energy, MSBs. Updated according to the
settings in EP_CFG and EGY_TIME registers.
32
0x00000000
R
0x32B
BVAR_ACC
Phase B accumulated total reactive power, updated after PWR_TIME
4 kSPS samples.
32
0x00000000
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com