Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078ACPZ-RL Datasheet(PDF) 57 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 57 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 53Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 54Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 55Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 56Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 57Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 58Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 59Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 60Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 56 of 107
QUICK START
There are a few important steps to note when using the
ADE9078 IC.
For most applications, ensure that the PM1 and PM0 pins are
low to enter normal measurement mode (PSM0).
The following initialization sequence is recommended:
1. Wait for the RSTDONE interrupt, indicated by the IRQ1 pin
going low.
2. Configure the xIGAIN, xVGAIN, and xPGAIN registers
via the SPI to calibrate the measurements.
3. If other calibration values are required, for example, to
improve rms performance at low input signal levels, write
these registers.
4. If the CFx pulse output is used, configure the CFxDEN and
xTHR registers.
5. Configure the expected fundamental frequency (50 Hz or
60 Hz network) in the SELFREQ bit and write VLEVEL =
0x117514.
6. If a Rogowski coil sensor is used, write the INTEN bit in
the CONFIG0 register to enable the digital integrator on
the IA, IB, and IC channels. To enable the digital integrator on
the neutral current, IN, channel, set the ININTEN bit.
Additionally, write DICOEF = 0xFFFFE000 to configure
the digital integrator. If current transformers are used,
INTEN and ININTEN in the CONFIG0 register must = 0.
7. If the service bring measured is something other than
4-wire wye, see Table 24 to determine how to configure
ICONSEL and VCONSEL in the ACCMODE register.
8. Write a 1 to the run register.
9. Write a 1 to the EP_CFG register.
The ADE9078 IC sampling capacitors vary device to device (see
Table 1). For this reason, gain calibration is required to be able to
accurately measure connected loads. If a current transformer
sensor is used, phase calibration is required to remove any device
to device variation in the phase error to accurately measure loads
over power factor.
Use the following example to determine if the ADE9078 IC is
correctly measuring the input voltage signal.
In this example, a 1 MΩ and 1 kΩ resistor divider network
measures the voltage between the Phase A voltage and the neutral.
If the input signal is 240 V rms, the expected voltage at the input to
the ADE9078 IC is 240 V rms ×1000/(1000 + 1,000,000) =
0.2397 V rms. The ADE9078 ADC full-scale input is ±1 V,
0.707 V rms. Thus, 0.2397 V rms/0.707 V rms = 33.9% of full scale.
It is recommended to scale the nominal voltage input to about ½ of
full scale to allow room for overvoltage events. As described in the
Filter-Based Total RMS section, the full-scale voltage rms register
output reading is given as 52,866,837d. Thus, with this 33.9% of
full-scale input, the expected VRMS register reading is 17,921,858.
Note that the actual xVRMS register reading varies based on the
external component gain error, combined with the ADE9078 IC
device to device gain error. Assume that 18,000,000d is read when
the 240 V rms load was applied. Thus, there are 18,000,000 output
codes per 240 V rms, which means there are 75,000 output codes
per volt. Take the xVRMS register reading and divide by 75,000 to
determine the voltage in volts.
Volts = xVRMS/75,000
A similar exercise can be performed to determine if the ADE9078
IC is correctly measuring the input power.
For example, if the same 240 V rms signal is applied along with
a 10 A load, the applied power is 240 V × 10 A = 2.4 kW. Assuming
that the 10 A load is connected to a current transformer with
1000:1 turn ratio on the secondary side, the current is 10 mA.
Assume a center tapped burden resistor is used so that there is
10 Ω total burden resistance. Thus, 10 mA × 10 Ω yields a 0.1 V
rms signal. The ADE9078 IC allows full-scale inputs of ±1 V,
0.707 V rms, which means that the 10 A input is 0.1 V
rms/0.707 V rms = 14.1% of full scale.
For the active power measurement, with a 240 V × 10 A load, the
ADE9078 IC sees 33.9% of full scale on the voltage side and 14.1%
on the current side, so 33.9%×14.1% = 4.8% of the full-scale output
power. As described in the Total Active Power section, the xWATT
register reads 20,823,646 with full-scale inputs. Thus, with this load
applied, 4.8% × 20,823,646 = 999,535 is the expected register
reading. Assume that 1,000,000d is read when the 240 V rms, 10 A
load is applied. Thus, there are 1,000,000 output codes per 2.4 kW,
which means there are 416,667 output codes per kW. Read the
xWATT register and divide by 416,667 to determine the power
in watts.
Watts = xWATT/416,667



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com