Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9078ACPZ-RL Datasheet(PDF) 86 Page - Analog Devices

Part # ADE9078ACPZ-RL
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9078ACPZ-RL Datasheet(HTML) 86 Page - Analog Devices

Back Button ADE9078ACPZ-RL Datasheet HTML 82Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 83Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 84Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 85Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 86Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 87Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 88Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 89Page - Analog Devices ADE9078ACPZ-RL Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 108 page
background image
Data Sheet
ADE9078
Rev. 0| Page 85 of 107
Addr.
Name
Description
Len
(Bits)
Reset
Access
0x4B8
PSM2_CFG
This register configures settings for the low power PSM2 operating mode.
This register value is retained in PSM2 and PSM3 but is rewritten to its
default value when entering PSM0 or PSM1.
16
0x001F
R/W
0x4B9
PGA_GAIN
This register configures the PGA gain for each ADC.
16
0x0000
R/W
0x4BA
CHNL_DIS
This register can be disables the ADCs individually.
16
0x0000
R/W
0x4BF
WR_LOCK
This register enables the configuration lock feature.
16
0x0000
R/W
0x4E0
VAR_DIS
Enable/disable total reactive power calculation.
16
0x0000
R/W
0x4F0
RESERVED1
This register is reserved.
16
0x0000
R
0x4FE
VERSION
Version of the ADE9078 IC.
16
0x0040
R
0x500
AI_SINC_DAT
Current Channel A ADC waveforms from sinc4 output, at 16 kSPS.
32
0x00000000
R
0x501
AV_SINC_DAT
Voltage Channel A ADC waveforms from sinc4 output, at 16 kSPS.
32
0x00000000
R
0x502
BI_SINC_DAT
Current Channel B ADC waveforms from sinc4 output, at 16 kSPS.
32
0x00000000
R
0x503
BV_SINC_DAT
Voltage Channel B ADC waveforms from sinc4 output, at 16 kSPS.
32
0x00000000
R
0x504
CI_SINC_DAT
Current Channel C ADC waveforms from sinc4 output, at 16 kSPS.
32
0x00000000
R
0x505
CV_SINC_DAT
Voltage Channel C ADC waveforms from sinc4 output, at 16 kSPS.
32
0x00000000
R
0x506
NI_SINC_DAT
Neutral current channel ADC waveforms from sinc4 output, at 16 kSPS.
32
0x00000000
R
0x510
AI_LPF_DAT
Current Channel A ADC waveforms from sinc4 + IIR LPF and decimator
output, at 4 kSPS.
32
0x00000000
R
0x511
AV_LPF_DAT
Voltage Channel A ADC waveforms from sinc4 + IIR LPF output, at 4 kSPS.
32
0x00000000
R
0x512
BI_LPF_DAT
Current Channel B ADC waveforms from sinc4 + IIR LPF output, at 4 kSPS.
32
0x00000000
R
0x513
BV_LPF_DAT
Voltage Channel B ADC waveforms from sinc4 + IIR LPF output, at 4 kSPS.
32
0x00000000
R
0x514
CI_LPF_DAT
Current Channel C ADC waveforms from sinc4 + IIR LPF output, at 4 kSPS.
32
0x00000000
R
0x515
CV_LPF_DAT
Voltage Channel C ADC waveforms from sinc4 + IIR LPF output, at 4 kSPS.
32
0x00000000
R
0x516
NI_LPF_DAT
Neutral current channel ADC waveforms from sinc4 + IIR LPF output, at 4
kSPS.
32
0x00000000
R
0x600
AV_PCF_1
SPI burst read accessible. Registers organized functionally. See AV_PCF in
Table 31.
32
0x00000000
R/W
0x601
BV_PCF_1
SPI burst read accessible. Registers organized functionally. See BV_PCF in
Table 31.
32
0x00000000
R/W
0x602
CV_PCF_1
SPI burst read accessible. Registers organized functionally. See CV_PCF in
Table 31.
32
0x00000000
R/W
0x603
NI_PCF_1
SPI burst read accessible. Registers organized functionally. See NI_PCF in
Table 31.
32
0x00000000
R/W
0x604
AI_PCF_1
SPI burst read accessible. Registers organized functionally. See AI_PCF in
Table 31.
32
0x00000000
R/W
0x605
BI_PCF_1
SPI burst read accessible. Registers organized functionally. See BI_PCF in
Table 31.
32
0x00000000
R/W
0x606
CI_PCF_1
SPI burst read accessible. Registers organized functionally. See CI_PCF in
Table 31.
32
0x00000000
R/W
0x607
AIRMS_1
SPI burst read accessible. Registers organized functionally. See AIRMS in
Table 31.
32
0x00000000
R/W
0x608
BIRMS_1
SPI burst read accessible. Registers organized functionally. See BIRMS in
Table 31.
32
0x00000000
R/W
0x609
CIRMS_1
SPI burst read accessible. Registers organized functionally. See CIRMS in
Table 31.
32
0x00000000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com