Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1544 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1544
Description  ACPI Controller for Advanced Motherboards
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1544 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1544 Datasheet HTML 1Page - Semtech Corporation SC1544 Datasheet HTML 2Page - Semtech Corporation SC1544 Datasheet HTML 3Page - Semtech Corporation SC1544 Datasheet HTML 4Page - Semtech Corporation SC1544 Datasheet HTML 5Page - Semtech Corporation SC1544 Datasheet HTML 6Page - Semtech Corporation SC1544 Datasheet HTML 7Page - Semtech Corporation SC1544 Datasheet HTML 8Page - Semtech Corporation SC1544 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1544
PRELIMINARY
Notes:
(1) This device is ESD sensitive. Use of standard ESD handling precautions is required.
(2) Guaranteed by design.
(3) Applies to S0 only.
(4) Gates 7 and 8 are high whenever 5VSB is present and greater than V
UVLO, unless the over current protection
has been tripped.
(5) Applies to S3 sleep state only for 3.3V Dual Memory option. Applies to both S0 and S3 sleep state for 2.5V
Dual Memory Option
(6) Gate 5 is high in S0 and low in the S3 and S5 sleep states.
(7) Gate 6 is high in the S3 sleep state and low in S0 and in the S5 sleep state.
(8) Applies to S3 sleep state and S5 sleep state when the PCI pin is high.
(9) Gate 3 is high in S0 and low in the S3 and S5 sleep states.
(10) Gate 4 is high in the S3 sleep state and the S5 sleep state when the PCI pin is high. Gate 4 is low in S0,
and in the S5 sleep state when the PCI pin is low.
(11) Gate 2 is high in S0 and low in the S3 and S5 sleep states.
(12) Gate 1 is high in the S3 sleep state and the S5 sleep state when the USB pin is high. Gate 1 is low in S0,
and in the S5 sleep state when the USB pin is low.
(13) Applies to S0 only. V
AGP = 3.3V when TYPEDET is high and 1.5V when the TYPEDET pin is low.
(14) Applies to 2.5V/3.3V Dual Memory, 3.3V Dual and 5V Dual outputs when enabled only. When an output is
disabled, that output is not monitored for OCP. The 1.8V and AGP outputs do not have over current protection.
(15) Minimum and maximum time limits for over current protection to trip when powered up (or enabled) into a
shorted output and when a short is applied to an enabled, OCP protected output.
Electrical Characteristics (Cont.)(1)
Unless specified: all applicable silver box supplies (3.3V, 5V, 5VSB) ± 5%, GND = 0V, V
SENSE PINS = VOUT(NOM), TA = 25°C. Values in bold apply over full
operating ambient temperature range.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
)
.
t
n
o
C
(
t
u
p
t
u
O
P
G
A
t
n
e
r
r
u
C
e
v
i
r
D
7
e
t
a
G
)
4
(
I
)
E
C
R
U
O
S
(
7
G
V
P
G
A
V
=
)
M
O
N
(
T
U
O
V
,
V
m
0
0
1
-
7
G
V
5
=
2
4A
m
I
)
K
N
I
S
(
7
G
V
P
G
A
V
=
)
M
O
N
(
T
U
O
V
,
V
m
0
0
1
+
7
G
V
3
=
5
.
3
-
5
-
t
n
e
r
r
u
C
s
a
i
B
n
i
P
e
s
n
e
SI
P
G
A
V
P
G
A
h
g
i
H
=
T
E
D
E
P
Y
T
,
V
3
.
3
=
5
3
2
-
0
4
3
-
5
4
4
-
A
µ
V
P
G
A
w
o
L
=
T
E
D
E
P
Y
T
,
V
5
.
1
=
0
7
-
5
0
1
-
0
4
1
-
)
p
m
u
P
e
g
r
a
h
C
(
C
F
e
g
a
t
l
o
V
t
u
p
t
u
OV
C
F
V
B
S
V
5
V
5
=
0
.
9
5
.
9
0
.
0
1
V
n
o
i
t
c
e
t
o
r
P
t
n
e
r
r
u
c
r
e
v
O
)
4
1
(
d
l
o
h
s
e
r
h
T
p
i
r
TV
)
C
O
(
H
T
0
3
0
5
0
7
V
%
T
U
O
y
t
i
n
u
m
m
I
t
i
u
c
r
i
C
t
r
o
h
S
)
5
1
(
15
7s
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com