Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1544 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1544
Description  ACPI Controller for Advanced Motherboards
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1544 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1544 Datasheet HTML 1Page - Semtech Corporation SC1544 Datasheet HTML 2Page - Semtech Corporation SC1544 Datasheet HTML 3Page - Semtech Corporation SC1544 Datasheet HTML 4Page - Semtech Corporation SC1544 Datasheet HTML 5Page - Semtech Corporation SC1544 Datasheet HTML 6Page - Semtech Corporation SC1544 Datasheet HTML 7Page - Semtech Corporation SC1544 Datasheet HTML 8Page - Semtech Corporation SC1544 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1544
ACPI Controller for
Advanced Motherboards
PRELIMINARY
.eatures
Revision 3, May 2002
Description
Semtech’s SC1544, SC243x and SC1112A or SC1114
provide all the voltages necessary for an ACPI system.
The SC1544 offers five independant supplies: a 5V dual
supply for USB, a 3.3V dual supply for PCI, a 3.3V or
2.5V dual supply for memory, a 1.5V or 3.3V supply for
AGP and a 1.8V supply. The AGP supply is programmble
using the system TYPEDET signal.
An on-board internal charge pump eliminates the need
for P-channel MOS.ETs and enables function from a single
5V supply (system 5VSB). All dual outputs are over current
protected.
The SC1544 differs from the SC1547 in three important
ways: 1) the device initially starts up in S5, and not G0
like the SC1547; 2) the gate drives for the 1.8V and AGP
outputs are always high in normal operation; 3) no OCP
on the 1.8V and AGP outputs.
K Instantly available motherboards
K Complete programmable supply for instantly available
PC systems
K Supports 2.5V memory or 3.3V memory (-2.5 or -3.3
option in part number)
K 5V dual and 3.3V dual supplies are programmable to
be active or inactive in S5
K Integrated AGP voltage supply with “TYPEDET” signal
for 3.3V or 1.5V operation
K Integrated LDO for 1.8V supply
K Integrated charge pump removes the need for PMOS
.ETs, enables single supply operation
K Over current protection on all dual outputs
K Inherent soft-start capability
K TSSOP-24 package
Typical Application Circuit
Applications
Q6
IRLR3103
Q7
IRLR3103
Q8
IRLR3103
C11
1uF
C1
100uF/6.3V
PCI
GND
5V DUAL
Q5
IRLR3103
5VSB
3.3V DUAL MEM
3.3V DUAL
GND
EN
GND
C5
100uF/6.3V
C7
100uF/6.3V
/SLP_S3
C10
0.1uF
5V
GND
GND
USB
3.3V
C3
100uF/6.3V
Q4
IRLR3103
C2
100uF/6.3V
/SLP_S5
GND
Q3
IRLR3103
TYPEDET
C8
100uF/6.3V
GND
C 9
0.01uF
AGP
PWR_OK
Q2
IRLR3103
GND
U 1
SC1544-3.3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
G5
3.3VDM
G6
G7
AGP
TYPEDET
PWR_OK
EN
/S3
/S5
USB
P C I
-CAP
+CAP
FC
5VSB
5VD
G1
G2/3
GND
3.3VD
G4
1.8V
G8
Q1
IRLR3103
1.8V
C4
100uF/6.3V
C6
100uF/6.3V


Similar Part No. - SC1544

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1540 SEMTECH-SC1540 Datasheet
64Kb / 4P
300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
SC1540A SEMTECH-SC1540A Datasheet
64Kb / 4P
300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
SC1540ACS-1.8 SEMTECH-SC1540ACS-1.8 Datasheet
64Kb / 4P
300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
SC1540ACS-2.5 SEMTECH-SC1540ACS-2.5 Datasheet
64Kb / 4P
300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
SC1540ACS-3.3 SEMTECH-SC1540ACS-3.3 Datasheet
64Kb / 4P
300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
More results

Similar Description - SC1544

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5063 FAIRCHILD-FAN5063 Datasheet
196Kb / 14P
ACPI Dual Switch Controller
RC5060 FAIRCHILD-RC5060 Datasheet
136Kb / 15P
ACPI Switch Controller
logo
List of Unclassifed Man...
OZ6812 ETC-OZ6812 Datasheet
105Kb / 13P
ACPI CardBus Controller
logo
Winbond
W83301R WINBOND-W83301R Datasheet
212Kb / 16P
ACPI-STR Controller
logo
List of Unclassifed Man...
OZ6933 ETC-OZ6933 Datasheet
126Kb / 15P
ACPI CardBus Controller
OZ6833 ETC-OZ6833 Datasheet
118Kb / 15P
ACPI CardBus Controller
logo
Winbond
W83301DR-O WINBOND-W83301DR-O Datasheet
221Kb / 13P
ACPI-STR Controller
W83303AD WINBOND-W83303AD Datasheet
464Kb / 19P
Advanced ACPI Controller
logo
Feature Integration Tec...
F72568 FINTEK-F72568 Datasheet
737Kb / 24P
Advanced ACPI Controller IC Datasheet
logo
Analog Intergrations Co...
AN010 AIC-AN010 Datasheet
138Kb / 9P
Advanced PC Motherboards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com