Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1544 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC1544
Description  ACPI Controller for Advanced Motherboards
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1544 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC1544 Datasheet HTML 7Page - Semtech Corporation SC1544 Datasheet HTML 8Page - Semtech Corporation SC1544 Datasheet HTML 9Page - Semtech Corporation SC1544 Datasheet HTML 10Page - Semtech Corporation SC1544 Datasheet HTML 11Page - Semtech Corporation SC1544 Datasheet HTML 12Page - Semtech Corporation SC1544 Datasheet HTML 13Page - Semtech Corporation SC1544 Datasheet HTML 14Page - Semtech Corporation SC1544 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1544
PRELIMINARY
Applications Information (Cont.)
Linear Regulator Stability
When extremely low ESR capacitors (Oscons, Polymers,
high value ceramics) are used on outputs requiring fast
transients (3.3V/2.5V memory), the linear regulators may
exhibit some overshoot and/or transient instability.
External compensation may be necessary (5VSB to 3.3V
Dual Memory shown):
3.3V DUAL MEM
5VSB
U1
SC1544-3.3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
G5
3.3VDM
G6
G7
AGP
TYPEDET
PWR_OK
EN
/S3
/S5
USB
P CI
-CAP
+CAP
FC
5VSB
5VD
G1
G2/3
GND
3.3VD
G4
1.8V
G8
R1
1k
Q6
IRLR3103
C1
22nF
Another possibility is to use dual capacitor types for the
load capacitor - a ceramic capacitor will provide high
frequency decoupling for the load while an electrolytic
capacitor (high ESR) will tame the Q to prevent instability:
+
C1
Electrolytic - bulk
C2
Ceramic - high frequency decoupling
3.3V DUAL MEM
Adjusting the Output Voltage of the Linear Regulators
It is possible to adjust the output voltage of the linear
regulators (1.8V, 2.5V Dual Memory and AGP) by
applying an external resistor divider to the sense pin (see
below). Since the sense pins sink a nominal 100µA (1.8V
LDO, 150µA for the 1.5V AGP LDO, 325µA for the 3.3V
AGP LDO and 350µA for the 2.5V Dual Memory LDO),
the resistor values should be selected to allow 100x that
current to flow through the divider. This will ensure that
variations in the sense current will have negligible affect
on the output voltage regulation. Thus a target value for
R2 (maximum) can be calculated:
Ω
•
≤
100
I
V
2
R
SENSE
)
FIXED
(
OUT
.or the 2.5V Dual Memory linear regulator:
Ω
≤
•
µ
≤
71
100
A
350
5
.
2
2
R
C6
100uF/6.3V
R2
R1
U1
SC1544-2.5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
G5
2.5VDM
G6
G7
AGP
TYPEDET
PWR_OK
EN
/S3
/S5
USB
PCI
-CAP
+CAP
FC
5VSB
5VD
G1
G2/3
GND
3.3VD
G4
1.8V
G8
2.5V < VOUT (AJUSTED) < 3.3V
I SENSE
VOUT (FIXED)
GND
The output voltage can only be adjusted upwards from
the fixed output voltage, and can be calculated using the
following equation:
Volts
I
1
R
2
R
1
R
1
V
V
SENSE
)
FIXED
(
OUT
)
ADJUSTED
(
OUT
•
+
 +
•
=
Therefore to set the 2.5V Dual Memory linear regulator
to 2.6V, for example, R1 = 2.8Ω and R2 = 69.8Ω. The
maximum voltage to which an output can be set using
this method is limited by the input voltage to the .ET(s)
and the R
DS(ON) of the .ET(s).
Please note that this technique cannot be used for the
3.3V Dual Memory, 3.3V Dual and 5V Dual outputs since
the output is switched via a pass device (i.e. not
regulated) when not in S0.
.ault Protection Hints
Loss of AC Power: if it is possible during brownouts or
momentary loss of AC power to the computer “silver box”
that PWR_OK can assert low while S3 and S5 remain
high then the over current protection may trigger. This is
because the state machine will ignore this illegal
transition and monitor all outputs as if they are still in
S0, despite the fact that the inputs are going away. If
5VSB decays slowly, S3 and S5 remain high, and one
output drops below the OCP threshold for long enough



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com