Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1544 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1544
Description  ACPI Controller for Advanced Motherboards
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1544 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1544 Datasheet HTML 4Page - Semtech Corporation SC1544 Datasheet HTML 5Page - Semtech Corporation SC1544 Datasheet HTML 6Page - Semtech Corporation SC1544 Datasheet HTML 7Page - Semtech Corporation SC1544 Datasheet HTML 8Page - Semtech Corporation SC1544 Datasheet HTML 9Page - Semtech Corporation SC1544 Datasheet HTML 10Page - Semtech Corporation SC1544 Datasheet HTML 11Page - Semtech Corporation SC1544 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
 2002 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1544
PRELIMINARY
:
r
e
b
m
u
N
e
t
a
G:
r
e
b
m
u
N
n
i
P:
n
e
e
w
t
e
b
T
E
F
e
h
t
s
e
v
i
r
D:
e
d
o
m
T
E
F
1
8
1B
S
V
5
d
n
a
l
a
u
D
V
5e
c
i
v
e
d
s
s
a
p
2
9
1
)
1
(
V
5l
a
u
D
V
5e
c
i
v
e
d
s
s
a
p
3
9
1
)
1
(
V
3
.
3l
a
u
D
V
3
.
3e
c
i
v
e
d
s
s
a
p
4
2
2B
S
V
5l
a
u
D
V
3
.
3r
o
t
a
l
u
g
e
r
r
a
e
n
il
5
1V
3
.
3y
r
o
m
e
M
l
a
u
D
V
5
.
2
/
V
3
.
3r
o
t
a
l
u
g
e
r
r
a
e
n
il
/
e
c
i
v
e
d
s
s
a
p
)
2
(
6
3B
S
V
5y
r
o
m
e
M
l
a
u
D
V
5
.
2
/
V
3
.
3r
o
t
a
l
u
g
e
r
r
a
e
n
il
7
4V
3
.
3P
G
Ar
o
t
a
l
u
g
e
r
r
a
e
n
il
8
4
2V
3
.
3V
8
.
1r
o
t
a
l
u
g
e
r
r
a
e
n
il
This table shows which gate drive pin controls which MOS.ET:
Gates At A Glance
Notes:
(1) Note common pin for Gate 2 and Gate 3 - both .ETs are operating as pass devices only in S0.
(2) .ET is acting as a pass device for 3.3V Dual Memory and as a linear regulator for 2.5V Dual Memory.
m
e
t
s
y
S
e
t
a
t
S
B
S
UI
C
P3
S
/5
S
/K
O
_
R
W
Pl
a
u
D
V
5
.
2
/
V
3
.
3
y
r
o
m
e
M
V
3
.
3
l
a
u
D
V
5
l
a
u
D
V
5
.
1
/
V
3
.
3
P
G
A
)
2
(
V
8
.
1
)
2
(
s
t
n
e
m
m
o
C
0
SX )
1
(
X )
1
(
11
1
V
3
.
3V
3
.
3V
5V
3
.
3V
3
.
3
3
SX )
1
(
X )
1
(
01
0
B
S
V
5B
S
V
5B
S
V
5N
ON
O
5
S
0
000
0
F
F
OF
F
OF
F
ON
ON
Of
f
o
s
t
u
p
t
u
o
ll
A
01
0
0
0
F
F
OB
S
V
5F
F
ON
ON
Od
e
l
b
a
n
e
I
C
P
1
000
0
F
F
OF
F
OB
S
V
5N
ON
Od
e
l
b
a
n
e
B
S
U
11
0
0
0
F
F
OB
S
V
5B
S
V
5N
ON
OB
S
U
&
I
C
P
d
e
l
b
a
n
e
This table shows which output is powered from which supply under each system state.
Notes:
(1) X = “don’t care”. In S0 and S3, the 3.3V dual and 5V dual outputs are not affected by the state of the PCI and
USB pins. These outputs are only controlled by the sate of the PCI and USB pins in S5.
(2) Gate 7 and Gate 8 are high in all states with 5VSB > UVLO and OCP not tripped. If powered from 3.3V as shown
in the table, the AGP and 1.8V outputs are only present in S0, and will ramp with the 3.3V supply as it comes up.
This avoids dips in the 3.3V supply which would otherwise occur if Gate 7 and Gate 8 went high after the 3.3V
supply came up, demanding high currents to charge output capacitors. If powered from 5VSB they can be used to
create 1.5VSB, 1.8VSB or 3.3VSB as required.
Power Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com