Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2813C Datasheet(PDF) 19 Page - Active-Semi, Inc

Part # ACT2813C
Description  5V/2.4A Power Bank Solution
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2813C Datasheet(HTML) 19 Page - Active-Semi, Inc

Back Button ACT2813C Datasheet HTML 15Page - Active-Semi, Inc ACT2813C Datasheet HTML 16Page - Active-Semi, Inc ACT2813C Datasheet HTML 17Page - Active-Semi, Inc ACT2813C Datasheet HTML 18Page - Active-Semi, Inc ACT2813C Datasheet HTML 19Page - Active-Semi, Inc ACT2813C Datasheet HTML 20Page - Active-Semi, Inc ACT2813C Datasheet HTML 21Page - Active-Semi, Inc ACT2813C Datasheet HTML 22Page - Active-Semi, Inc ACT2813C Datasheet HTML 23Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Rev 2, 19-May-15
Innovative PowerTM
- 19 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
ACT2813/ACT2813C
ITEM
REFERENCE
DESCRIPTION
QTY
MANUFACTURER
1
L1
Core, 6.5*3*3 Dip, 2.2uH, 6A, Rdson=5mΩ
1
Sunlord
2
Q1
AO4503, Rdson=19mΩ at VGS = - 4.5 V
1
AOS
3
Q2
MMBT3906
1
Vishay
4
D1
SBR3U20SA, 20V/3A Schottky
MBRA210LT3G, 10V/2A Schottky
1
Diodes
On-semi
5
D2
1N4148, Vf=0.7V, 75V Schottky
1
Vishay
6
C1
Ceramic capacitor, 4.7uF/10V, X7R, 0805
1
Murata/TDK
7
C2,C3,C4,C9
Ceramic capacitor, 22uF/10V, X7R, 1206
4
Murata/TDK
8
C5,C6
Ceramic capacitor, 2.2uF/10V, X7R, 0603
2
Murata/TDK
9
C7
Ceramic capacitor, 10nF/10V, X7R, 0603
1
Murata/TDK
10
C8
Ceramic capacitor, 0.1uF/10V, X7R, 0603
1
Murata/TDK
12
C11
Ceramic capacitor, 4.7nF/10V, X7R, 0603
1
Murata/TDK
13
R1,R2
Chip Resistor, 50mΩ, 1/4W, 1%, 1206
2
Murata/TDK
14
R3,R10
Chip Resistor, 100kΩ, 1/10W, 1%, 0603
2
Murata/TDK
15
R4
Chip Resistor, 48kΩ, 1/10W, 1%, 0603
1
Murata/TDK
16
R5
Chip Resistor, 68kΩ, 1/10W, 5%, 0603
1
Murata/TDK
17
R6
Chip Resistor, 60.4kΩ, 1/10W, 1%, 0603
1
Murata/TDK
18
R7,R8,R12
Chip Resistor, 0Ω, 1/10W, 1%, 0603
3
Murata/TDK
19
R9
Chip Resistor, 2.7Ω, 1/8W, 1%, 0805
1
Murata/TDK
21
R13
Chip Resistor, 100Ω, 1/10W, 1%, 0603
1
Murata/TDK
22
R15
Chip Resistor, 715kΩ, 1/10W, 5%, 0603
1
Murata/TDK
23
R16,R19
Chip Resistor, 200kΩ, 1/10W, 5%, 0603
2
Murata/TDK
24
R18
Chip Resistor, 0.47Ω, 1/4W, 1%, 1206
1
Murata/TDK
25
R20,R22
Chip Resistor, 43.2kΩ, 1/10W, 1%, 0603
2
Murata/TDK
26
R21,R23
Chip Resistor, 49.9kΩ, 1/10W, 1%, 0603
2
Murata/TDK
27
LED1,LED2
LED3,LED4
LED, 0603, Blue
4
LED Manu
29
PB
Push Button
1
30
USB
10.2*14.6*7mm, 4P, DIP
1
31
Micro-USB
MICRO USB 5P/F SMT B
1
32
U1
IC, ACT2813C, FCQFN 4x4-20
1
ACT
20
R11
Chip Resistor, 51Ω, 1/8W, 1%, 0805
1
Murata/TDK
28
LED5
Flashlight
1
LED Manu
11
C10
Ceramic capacitor, 22uF/10V, X7R, 0805
1
Murata/TDK
Table 5:
BOM List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com