Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2813C Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT2813C
Description  5V/2.4A Power Bank Solution
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2813C Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT2813C Datasheet HTML 8Page - Active-Semi, Inc ACT2813C Datasheet HTML 9Page - Active-Semi, Inc ACT2813C Datasheet HTML 10Page - Active-Semi, Inc ACT2813C Datasheet HTML 11Page - Active-Semi, Inc ACT2813C Datasheet HTML 12Page - Active-Semi, Inc ACT2813C Datasheet HTML 13Page - Active-Semi, Inc ACT2813C Datasheet HTML 14Page - Active-Semi, Inc ACT2813C Datasheet HTML 15Page - Active-Semi, Inc ACT2813C Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Rev 2, 19-May-15
Innovative PowerTM
- 12 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
ACT2813/ACT2813C
APPLICATIONS INFORMATION
Battery level voltage shift (BLVS pin)
LED1-4 voltage thresholds are adjusted from HZ
mode during charging and discharging based on
the compensated impedance. Those thresholds are
programmed by a resistor connected from BLVS
pin to AGND as shown in Figure 5. The following
equation shows the LED4 voltage threshold:
As long as LED4 is set, all the other 3 LED
thresholds is fixed as shown in the table 2:
Table 2: 4 LED Voltage Thresholds
LED Status Indication
4 LEDs ON/OFF and flash show the charge status
and the remained capacity level as shown in the
table 3. The LED status is based on battery voltage
and operation modes. When battery voltage is low,
LED1 is flashing. In charge mode, when a battery is
fully charged, flashing stops and all the 4 LEDs are
solid on.
Fast Charge Current
Battery fast charge current is set by a resistor
connected from ICST pin to AGND as shown in
Figure 6.
The battery fast charge current is estimated as the
following equation:
Figure 7 gives out different fast charge current with
various RICST.
Charge Mode
PB time>30ms (Boost or HZ Mode)
LED
LED1
LED2
LED3
LED4
LED1
LED2
LED3
LED4
2.9V≤VBAT<LED1
Flash
Off
Off
Off
Flash
Off
Off
Off
LED1≤VBAT<LED2
On
Flash
Off
Off
On
Off
Off
Off
LED2≤VBAT<LED3
On
On
Flash
Off
On
On
Off
Off
LED3≤VBAT<LED4
On
On
On
Flash
On
On
On
Off
VBAT≥LED4
On
On
On
Flash
On
On
On
On
VBAT≥LED4 (End of Charge)
On
On
On
On
On
On
On
On
VBAT<2.9V
Flash
Off
Off
Off
Off
Off
Off
Off
Figure 5.
Battery level voltage shift setting circuit
Table 3: LED Indication
(2)
)
m
(
Rcs
)
k
(
R
)
A
(
25
.
1
)
A
(
Ic
ICST
Ω
Ω
×
=
3.0
2.5
2.0
1.5
1.0
0.5
0
Figure 7.
Battery fast charge current setting
RICST (kΩ)
0
10
20
30
40
50
60
VIN = 5.0V
Vbat=3.7V
Figure 6.
Battery fast charge current setting circuit
(1)
)
k
(
R
)
mA
(
01
.
0
)
V
(
5
.
3
)
V
(
V
BLVS
4
BATLED
Ω
×
+
=
RBLVS (ohm)
50K
60K
70K
80K
LED1
3.55V
3.65V
3.75V
3.85V
LED2
3.65V
3.75V
3.85V
3.95V
LED3
3.80V
3.90V
4.00V
4.10V
LED4
4.00V
4.10V
4.20V
4.30V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com