Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2813C Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT2813C
Description  5V/2.4A Power Bank Solution
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2813C Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT2813C Datasheet HTML 5Page - Active-Semi, Inc ACT2813C Datasheet HTML 6Page - Active-Semi, Inc ACT2813C Datasheet HTML 7Page - Active-Semi, Inc ACT2813C Datasheet HTML 8Page - Active-Semi, Inc ACT2813C Datasheet HTML 9Page - Active-Semi, Inc ACT2813C Datasheet HTML 10Page - Active-Semi, Inc ACT2813C Datasheet HTML 11Page - Active-Semi, Inc ACT2813C Datasheet HTML 12Page - Active-Semi, Inc ACT2813C Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Rev 2, 19-May-15
Innovative PowerTM
- 9 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
ACT2813/ACT2813C
FUNCTIONAL DESCRIPTION
ACT2813/ACT2813C
is
a
complete
battery
charging and discharging power management
solution for applications of single-cell lithium-based
backup battery pack or power bank. There is a
power path from input to output. If output voltage
drops below 4.25V, the input switch Q1 turns off
and restart in 2 seconds.
With
the
advanced
ACT2813/ACT2813C
architecture, a synchronous buck/boost converter is
connected from VOUT to switching node (SW). With
the bidirectional architecture, the converter could be
configured as either buck to charge battery or boost
to discharge battery. With switching charger and
discharger, the higher charge current and higher
conversion efficiency are achieved.
Modes of Operation
ACT2813/ACT2813C has 3 operation modes:
charge mode, boost mode and high-impedance
(HZ) mode. In charge mode, the input current limit
Q1 is enabled and Q2 and Q3 operate as a buck
converter to charge battery. In boost mode, Q2 and
Q3 operate as boost converter to step battery
voltage up to +5V at VOUT, and the current limit
switch Q1 is turned off, and the reverse current from
VOUT to VIN is blocked. In HZ mode, all the
switches are turned off and the drainage current
from battery is very low. ACT2813 system operation
flow chart as shown in Figure 1 and ACT2813C
system operation flow chart as shown in Figure 2.
Any transitions between boost mode and charge
mode go through HZ mode by turning off all the
switches Q1-Q3 into HZ mode for 2 seconds before
enabling the other mode.
The modes are determined by HZ pin and VIN pin
as shown in the table 1. A valid VIN voltage forces
ACT2813/ACT2813C into charge mode. Boost
mode is enabled if HZ pin is pulled low and VIN is
invalid or not present. When HZ=0, if PB is pulled
low for more than 30ms, boost converter is enabled.
For ACT2813, a running boost is disabled if one of
the following conditions is met:
1.
Boost converter output current is below light
load threshold for 16 seconds.
2. Battery voltage falls below the boost cut-off
threshold.
3. After PB is released, if PB is pulled low for more
than 1.5 seconds.
Flashlight
ACT2813C has an flashlight function. Once PB is
pressed for more than 3 seconds, the flashlight is
switched on. The driver will deliver up to 50mA
current to the flashlight. During flashlight on, if PB is
pressed for 3 seconds, flashlight will be switched
off.
Table 1: Mode Selection
HZ PIN
0
0
1
1
VIN Valid
0
1
0
1
Mode
Boost
Charge
HZ
Charge
Figure 1:
ACT2813 System Operation Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com