Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2813C Datasheet(PDF) 21 Page - Active-Semi, Inc

Part # ACT2813C
Description  5V/2.4A Power Bank Solution
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2813C Datasheet(HTML) 21 Page - Active-Semi, Inc

Back Button ACT2813C Datasheet HTML 15Page - Active-Semi, Inc ACT2813C Datasheet HTML 16Page - Active-Semi, Inc ACT2813C Datasheet HTML 17Page - Active-Semi, Inc ACT2813C Datasheet HTML 18Page - Active-Semi, Inc ACT2813C Datasheet HTML 19Page - Active-Semi, Inc ACT2813C Datasheet HTML 20Page - Active-Semi, Inc ACT2813C Datasheet HTML 21Page - Active-Semi, Inc ACT2813C Datasheet HTML 22Page - Active-Semi, Inc ACT2813C Datasheet HTML 23Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Rev 2, 19-May-15
Innovative PowerTM
- 21 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
ACT2813/ACT2813C
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(Schematic as show in Figure 17, Ta = 25°C, unless otherwise specified)
Boost Output Voltage VS. Temperature
5.4
5.3
5.2
5.1
5.0
4.9
4.8
Temperature (°C)
-30
0
30
60
90
120
150
Boost Output Constant Current Limit
VS. Temperature
2800
2600
2400
2200
2000
1800
3000
Temperature (°C)
-20
0
20
40
60
120
140
80
100
Boost Output Voltage VS. Output Current
5.1
5.06
5.02
4.98
4.94
4.9
Boost Output Current (mA)
0
500
1000
1500
2000
2500
3000
VBAT = 3.2V
VBAT=4.1V
Boost Standby Current VS. Battery Voltage
057
0.55
0.53
0.51
0.49
0.47
0.45
Battery Voltage (V)
3.0
3.3
3.6
3.9
4.2
45
4.8
8.0
5.0
4.0
3.0
2.0
1.0
0
7.0
6.0
Battery Voltage (V)
0
1.0
2.0
3.0
4.0
5.0
Battery Leakage VS. Battery Voltage
(HZ Mode)
Boost Output Constant Current Limit VS. VBAT
2800
2700
2650
2600
2550
2500
2750
Battery Voltage (V)
3.0
3.2
3.4
3.6
3.8
4.0
4.2
VBAT = 3.7V
IOST=2.66A
CV= 4.5V
VBAT = 3.5V
VOUT = 5.05V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com