Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GEG2-R Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ZSC31150GEG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31150GEG2-R Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ZSC31150GEG2-R Datasheet HTML 12Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 13Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 14Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 15Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 16Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 17Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 18Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 19Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
16
December 6, 2016
The analog output AOUT will be activated at the end of the start-up phase depending on the adjusted output and communication mode (refer
to section 2.6). If errors are detected, the Diagnostic Mode (DM) is activated and the diagnostic output signal is driven at the output.
After the start-up phase, the continuously running measurement and calibration cycle is started. Refer to ZSC31150 Bandwidth Calculation
Spreadsheet for detailed information about output update rate.
2.5.3 Conditioning Calculation
The digitalized value for the bridge sensor measurement (acquired raw data) is processed with the correction formula to remove offset and
temperature dependency and to compensate nonlinearity up to 3rd order. The result of the correction calculation is a non-negative 15-bit
value for the bridge sensor in the range [0; 1). This value P is clipped with programmed limitation coefficients and continuously written to the
output register of the digital serial interface and the output DAC.
Note:
The conditioning includes up to third-order nonlinearity sensor input correction. The available adjustment ranges depend on the
specific calibration parameters; for a detailed description, refer to ZSC31150 Functional Description. Basically, offset compensation and linear
correction are only limited by the loss of resolution they will cause. The second-order correction is possible up to approximately 30% of the full
scale difference from a straight line; third order is possible up to approximately 20% (ADC resolution = 13-bit). The calibration principle used
is able to reduce existing nonlinearity errors of the sensor up to 90%. The temperature calibration includes first and second order correction
and should be fairly sufficient in all relevant cases. ADC resolution also influences calibration possibilities; e.g., 1 additional bit of resolution
reduces the calibration range by approximately 50%. The maximum calculation input data width is 14-bit. The 15 or 16 bit ADC resolution
mode uses only a 14-bit segment of the ADC range.
2.6 Analog Output AOUT
The analog output is used for outputting the analog signal conditioning result and for “end of line” communication via the ZACwireTM interface
one-wire communication interface (OWI). The ZSC31150 supports four different modes of the analog output in combination with the OWI
behavior:
OWIENA:
Analog output is deactivated; OWI communication is enabled.
OWIDIS:
Analog output is active (~2ms after power-on); OWI communication is disabled.
OWIWIN:
Analog output will be activated after the time window;
OWI communication is enabled in a time window of ~500ms (maximum);
transmission of the “START_CM” command must be finished during the time window.
OWIANA:
Analog output will be activated after a ~2ms power on time;
OWI communication is enabled in a time window of ~500ms (maximum);
transmission of the START_CM” command must be finished during time window;
to communicate, the internal driven potential at AOUT must be overwritten
by the external communication master (AOUT drive capability is current limited).
The analog output potential is driven by a unity gain output buffer for which the input signal is generated by a 12.4-bit resistor-string DAC. The
output buffer (BAMP), which is a rail-to-rail op amp, is offset compensated and current limited. Therefore, a short-circuit of the analog output
to ground or the power supply does not damage the ZSC31150.
2.7 Serial Digital Interface
The ZSC31150 includes a serial digital interface (SIF), which is used for communication with the circuit to calibrate the sensor module. The
serial interface is able to communicate with two communication protocols: I2C and the ZACwire™ one-wire communication interface (OWI).
The OWI can be used to for an “end of line” calibration via the analog output AOUT of the complete assembled sensor module.
Refer to the ZSC31150 Functional Description for a detailed description of the serial interfaces and communication protocols.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com