Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GEG2-R Datasheet(PDF) 25 Page - Integrated Device Technology

Part # ZSC31150GEG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31150GEG2-R Datasheet(HTML) 25 Page - Integrated Device Technology

Back Button ZSC31150GEG2-R Datasheet HTML 18Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 19Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 20Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 21Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 22Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 23Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 24Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 25Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 26Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
25
December 6, 2016
11. Document Revision History
Date
Description
September 20, 2008
(Revision 1.01)
Section 6: fit rate added. Section 1.5.2: ROM check time revised/corrected.
Section 5.3.4.3: SC – no detection limit added.
September 20, 2009
(Revision 1.02)
Update to new ZMDI template.
October 2, 2009
(Revision 1.03)
Update to ZMDI denotation.
October 22, 2009
(Revision 1.04)
Formatting and linking issues solved.
February 26, 2010
(Revision 1.05)
Update for ZMDI template, including ZSC31150 Functional Description at page 2 and 3.
Added ordering codes for ZSC31150 and evaluation kits. Extended glossary.
Update for contact information.
July 29, 2010
(Revision 1.06)
Correct “Offset shift per step” and “Approx. maximum offset shift” in Table 2.2 for PGA gain = 105 and 52.5.
Moved 1.4.1.6 “Internal pull-up resistor” into section 1.4.1 in Table 1.2. Redrew of Sensor Bridge in Figure
3.1, Figure 3.2, and Figure 3.3.
Added comment for C4 and C5 in Figure 3.3. Renamed ZMD31150 as ZSC31150.
August 31, 2010
(Revision 1.07)
Connection of RIBR in Figure 3.3 corrected.
August 15, 2011
(Revision 1.08)
Update ordering information with “Long Life Automotive” in “Ordering Information” on page 3 and section 8.
December 15, 2012
(Revision 2.00)
Update for part numbers and IDT contact information. Minor edits.
March 31, 2014
(Revision 2.10)
Revision of specifications in section 1.4.2. Recommended internal signal range revised to 80%. OWI interface
parameters list extended. ADC formula corrected. DFN14 package added. Minor edits for clarity. Updated
contact information. Updated imagery for cover and headings.
April 30, 2014
(Revision 2.20)
Added notation that DFN14 package has wettable flanks.
Update for contact information and addition of CAD model files to section 9.
August 27, 2014
(Revision 2.30)
Minor edits on page 2.
Minor edits for die description in part code tables.
December 3, 2014
(Revision 2.40)
Corrected connection of temperature PTC sensor in Figure 3.2.
Update for contact information.
July 27, 2015
(Revision 2.41)
Update for order code for ZSC31150 SSC Evaluation Kit order code.
Update for contact information.
January 29, 2016
Changed to IDT branding. The document release date is now the revision reference.
December 6, 2016
Added ZSC31150GAB and ZSC31150GAC order codes.
Correction for order codes for kit and MCS.
Updates for formatting and minor edits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com