Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GEG2-R Datasheet(PDF) 22 Page - Integrated Device Technology

Part # ZSC31150GEG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31150GEG2-R Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button ZSC31150GEG2-R Datasheet HTML 18Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 19Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 20Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 21Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 22Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 23Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 24Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 25Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 26Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
22
December 6, 2016
Figure 5.2 Outline Drawing for 14-DFN Package with Wettable Flanks
0,08
b
e
HE
14
8
1
7
1
8
14
7
Exposed Pad
4.4 x 2.5 mm
Top View
Bottom View
Table 5.1 14-DFN Package Dimensions
Dimension
Minimum
Maximum
A
0.8
0.9
A1
0
0.05
b
0.2
0.3
e
0.5 nominal
HD
3.9
4.1
HE
4.9
5.1
L
0.3
0.5
6. Quality and Reliability
The ZSC31150 is qualified according to the AEC-Q100 standard, operating temperature grade 0. A fit rate < 5fit (temperature =55°C, S=60%)
is guaranteed. A typical fit rate of the C7D technology, which is used for ZSC31150, is 2.5fit.
7. Customization
For high-volume applications, which require an upgraded or downgraded functionality compared to the standard ZSC31150, IDT can
customize the circuit design by adding or removing certain functional blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com