Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150GEG2-R Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ZSC31150GEG2-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZSC31150GEG2-R Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ZSC31150GEG2-R Datasheet HTML 3Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 4Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 5Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 6Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 7Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 8Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 9Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 10Page - Integrated Device Technology ZSC31150GEG2-R Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
ZSC31150 Datasheet
© 2016 Integrated Device Technology, Inc.
7
December 6, 2016
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.3.3
External temperature diode
input range [a]
0
1.5
V
1.3.3.4
External temperature resistor
channel gain
a
TSER
1200
3500
ppm FS
/ (mV/V)
1.3.3.5
External temperature resistor/
input voltage range [a]
VTSER
0
600
mV/V
1.3.3.6
Internal temperature diode
sensitivity
STTSI
Raw values – without
conditioning
700
2700
ppm FS
/ K
1.3.4
Analog-to-Digital Conversion (ADC)
1.3.4.1
ADC resolution [a]
rADC
13
16
Bit
1.3.4.2
ADC differential nonlinearity
(DNL) [a]
DNLADC
rADC =13-bit; fCLK=3MHz;
best fit, 2nd order; complete
AFE; with ADC input range
specified in 1.3.4.5
0.95
LSB
1.3.4.3
ADC integral nonlinearity (INL)
within TQA [a]
INLADC
4
LSB
1.3.4.4
ADC INL within TQE
INLADC
5
LSB
1.3.4.5
ADC input range
Range
10
90
%VDDA
1.3.5
Sensor Connection Check
1.3.5.1
Sensor connection loss
detection threshold
RSCC_min
100
k
1.3.5.2
Sensor input short check
RSSC_short
Short detection guaranteed
0
50
1.3.5.3
Sensor input no-short threshold
RSSC_pass
A short is not indicated above
this threshold
1000
1.3.6
Digital-to-Analog Conversion (DAC) and Analog Output (AOUT Pin)
1.3.6.1
DAC resolution
rDAC
Analog output, 10-90%
12
Bit
1.3.6.2
Output current sink and source
for VDDE=5V
ISRC/SINK_OUT
VOUT: 5-95%, RLOAD  2kΩ
2.5
mA
VOUT: 10-90%, RLOAD  1kΩ
5
mA
1.3.6.3
Short circuit current
IOUT_max
To VSSE or VDDE [c]
-25
25
mA
1.3.6.4
Addressable output signal
range
VSR_OUT95
@ RLOAD  2k
0.05
0.95
VDDE
VSR_OUT90
@ RLOAD  1k
0.1
0.9
VDDE
1.3.6.5
Output slew rate [a]
SROUT
CLOAD < 50nF
0.1
V/µs
1.3.6.6
Output resistance in diagnostic
mode
ROUT_DIA
Diagnostic Range:
<4|96>%, RLOAD  2k
<8|92>%, RLOAD  1k
82
1.3.6.7
Load capacitance [a]
CLOAD
C3 (see section 3)
150
nF
1.3.6.8
DNL (DAC)
DNLOUT
-1.5
1.5
LSB
1.3.6.9
INL TQA (DAC) [a]
INLOUT
Best fit, rDAC =12-bit
-5
5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com