Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8261 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8261
Description  RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8261 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM8261 Datasheet HTML 1Page - National Semiconductor (TI) LM8261 Datasheet HTML 2Page - National Semiconductor (TI) LM8261 Datasheet HTML 3Page - National Semiconductor (TI) LM8261 Datasheet HTML 4Page - National Semiconductor (TI) LM8261 Datasheet HTML 5Page - National Semiconductor (TI) LM8261 Datasheet HTML 6Page - National Semiconductor (TI) LM8261 Datasheet HTML 7Page - National Semiconductor (TI) LM8261 Datasheet HTML 8Page - National Semiconductor (TI) LM8261 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5V Electrical Characteristics (Continued)
Unless otherwise specified, all limited guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V, V
CM = 1V, VO =V
+/2, and
R
L > 1MΩ to V
−. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 5)
Limit
(Note 6)
Units
I
S
Supply Current
No load, V
CM = 1V
0.97
1.25
1.75
mA
max
SR
Slew Rate (Note 8)
A
V = +1, VI =5VPP
12
10
7
V/µs
min
f
u
Unity Gain Frequency
V
I = 10mV,
R
L =2KΩ to V
+/2
10.5
–
MHz
GBWP
Gain-Bandwidth Product
f = 50KHz
21
16
15
MHz
min
Phi
m
Phase Margin
V
I = 10mV
53
–
Deg
e
n
Input-Referred Voltage Noise
f = 2KHz, R
S =50Ω
15
–
nV/
i
n
Input-Referred Current Noise
f = 2KHz
1
–
pA/
f
max
Full Power Bandwidth
Z
L = (20pF || 10kΩ)toV
+/2
900
–
KHz
t
S
Settling Time (+/−5%)
100mV
PP Step, 500pF load
400
–
ns
THD+N
Total Harmonic Distortion + Noise
R
L =1KΩ to V
+/2
f = 10KHz to A
V= +2, 4VPP
swing
0.05
–
%
+/−15V Electrical Characteristics
Unless otherwise specified, all limited guaranteed for T
J = 25˚C, V
+ = 15V, V− = −15V, V
CM = 0V, VO = 0V, and
R
L > 1MΩ to 0V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 5)
Limit
(Note 6)
Units
V
OS
Input Offset Voltage
V
CM = −14.5V & VCM = 14.5V
+/−0.7
+/−7
+/− 9
mV
max
TC V
OS
Input Offset Average Drift
V
CM = −14.5V & VCM = 14.5V
(Note 12)
+/−2
–
µV/˚C
I
B
Input Bias Current
V
CM = −14.5V
(Note 7)
−1.05
−2.00
−2.80
µA
max
V
CM = 14.5V
(Note 7)
+0.49
+1.00
+1.50
I
OS
Input Offset Current
V
CM = −14.5V & VCM = 14.5V
30
275
550
nA
max
CMRR
Common Mode Rejection Ratio
V
CM stepped from −15V to 13V
100
84
80
dB
min
V
CM stepped from 14V to 15V
100
–
V
CM stepped from −15V to 15V
88
74
72
+PSRR
Positive Power Supply Rejection
Ratio
V
+ = 12V to 15V
100
70
66
dB
min
−PSRR
Negative Power Supply Rejection
Ratio
V
− = −12V to −15V
100
70
66
dB
min
CMVR
Input Common-Mode Voltage Range
CMRR > 50dB
−15.3
−15.1
−15.0
V
max
15.3
15.1
15.0
V
min
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com