Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8261 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8261
Description  RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8261 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM8261 Datasheet HTML 11Page - National Semiconductor (TI) LM8261 Datasheet HTML 12Page - National Semiconductor (TI) LM8261 Datasheet HTML 13Page - National Semiconductor (TI) LM8261 Datasheet HTML 14Page - National Semiconductor (TI) LM8261 Datasheet HTML 15Page - National Semiconductor (TI) LM8261 Datasheet HTML 16Page - National Semiconductor (TI) LM8261 Datasheet HTML 17Page - National Semiconductor (TI) LM8261 Datasheet HTML 18Page - National Semiconductor (TI) LM8261 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Application Notes: (Continued)
Other Application Hints:
The use of supply decoupling is mandatory in most applica-
tions. As with most relatively high speed/high output current
Op Amps, best results are achieved when each supply line is
decoupled with two capacitors; a small value ceramic ca-
pacitor (
∼0.01µF) placed very close to the supply lead in ad-
dition to a large value Tantalum or Aluminum (> 4.7µF). The
large capacitor can be shared by more than one device if
necessary. The small ceramic capacitor maintains low sup-
ply impedance at high frequencies while the large capacitor
will act as the charge
″bucket″ for fast load current spikes at
the Op Amp output. The combination of these capacitors will
provide supply decoupling and will help keep the Op Amp os-
cillation free under any load.
LM8261 Advantages:
Compared to other Rail-to-Rail Input/Output devices, the
LM8261 offers several advantages such as:
•
Improved cross over distortion.
•
Nearly constant supply current throughout the output
voltage swing range and close to either rail.
•
Consistent stability performance for all input/output volt-
age and current conditions.
•
Nearly constant Unity gain frequency (f
u) and Phase Mar-
gin (Phi
m) for all operating supplies and load conditions.
•
No output phase reversal under input overload condition.
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com