Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8261 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8261
Description  RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8261 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM8261 Datasheet HTML 1Page - National Semiconductor (TI) LM8261 Datasheet HTML 2Page - National Semiconductor (TI) LM8261 Datasheet HTML 3Page - National Semiconductor (TI) LM8261 Datasheet HTML 4Page - National Semiconductor (TI) LM8261 Datasheet HTML 5Page - National Semiconductor (TI) LM8261 Datasheet HTML 6Page - National Semiconductor (TI) LM8261 Datasheet HTML 7Page - National Semiconductor (TI) LM8261 Datasheet HTML 8Page - National Semiconductor (TI) LM8261 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM8261 Single
RRIO, High Output Current & Unlimited Cap Load Op
Amp in SOT23-5
General Description
The LM8261 is a Rail-to-Rail input and output Op Amp which
can operate with a wide supply voltage range. This device
has high output current drive, greater than Rail-to-Rail input
common mode voltage range, unlimited capacitive load drive
capability, and provides tested and guaranteed high speed
and slew rate while requiring only 0.97mA supply current. It
is specifically designed to handle the requirements of flat
panel TFT panel V
COM driver applications as well as being
suitable for other low power, and medium speed applications
which require ease of use and enhanced performance over
existing devices.
Greater than Rail-to-Rail input common mode voltage range
with 50dB of Common Mode Rejection, allows high side and
low side sensing, among many applications, without having
any concerns over exceeding the range and no compromise
in accuracy. Exceptionally wide operating supply voltage
range of 2.5V to 30V alleviates any concerns over function-
ality under extreme conditions and offers flexibility of use in
multitude of applications. In addition, most device param-
eters are insensitive to power supply variations; this design
enhancement is yet another step in simplifying its usage.
The output stage has low distortion (0.05% THD+N) and can
supply a respectable amount of current (15mA) with minimal
headroom from either rail (300mV).
The LM8261 is offered in the space saving SOT23-5 pack-
age.
Features
(V
S =5V, TA = 25˚C, Typical values unless specified).
n
GBWP
21MHz
n
Wide supply voltage range
2.5V to 30V
n
Slew rate
12V/µs
n
Supply current
0.97 mA
n
Cap load limit
Unlimited
n
Output short circuit current
+53mA/−75mA
n
+/−5% Settling time
400ns (500pF, 100mV
PP step)
n
Input common mode voltage
0.3V beyond rails
n
Input voltage noise
15nV/
n
Input current noise
1pA/
n
THD+N
< 0.05%
Applications
n
TFT-LCD flat panel V
COM driver
n
A/D converter buffer
n
High side/low side sensing
n
Headphone amplifier
Output Response with Heavy Capacitive Load
DS101084-37
April 2000
© 2000 National Semiconductor Corporation
DS101084
www.national.com


Similar Part No. - LM8261

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8261 TI-LM8261 Datasheet
1Mb / 28P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
LM8261 TI-LM8261 Datasheet
1Mb / 29P
LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
LM8261 TI2-LM8261 Datasheet
1Mb / 35P
DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
REVISED MARCH 2016
LM8261 TI2-LM8261 Datasheet
1Mb / 31P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
REVISED FEBRUARY 2013
LM8261 TI2-LM8261 Datasheet
1Mb / 33P
DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
REVISED JUNE 2016
More results

Similar Description - LM8261

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8262 NSC-LM8262 Datasheet
255Kb / 10P
RRIO, High Output Current & Unlimited Cap Load Op Amp in MSOP
LM8272 NSC-LM8272 Datasheet
667Kb / 14P
RRIO, High Output Current & Unlimited Cap Load Op Amp in Miniature Package
logo
Texas Instruments
SM73301 TI1-SM73301 Datasheet
672Kb / 22P
RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
LM8261M5 TI-LM8261M5 Datasheet
1Mb / 29P
LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
LM7322QMAX TI1-LM7322QMAX Datasheet
1Mb / 35P
High Output Current and Unlimited Capacitive Load Operational Amplifier
LM8261M5 TI1-LM8261M5 Datasheet
1Mb / 29P
LM8261 Single RRIO, High Output Current and Unlimited Cap Load Op Amp in SOT-23-5
LM8261M5 TI1-LM8261M5_15 Datasheet
2Mb / 34P
Single RRIO High Output Current & Unlimited Cap Load Op Amp
LM8262 TI1-LM8262 Datasheet
956Kb / 19P
Dual RRIO, High Output Current and Unlimited Cap Load Op Amp in VSSOP
LM8272 TI1-LM8272 Datasheet
1Mb / 26P
Dual RRIO, High Output Current & Unlimited Cap Load
OPA994 TI1-OPA994 Datasheet
3Mb / 43P
OPAx994 32V, Rail-to-Rail Input and Output, 24MHz, 125mA Output Current Op Amp With Unlimited Capacitive Load Drive
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com