Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8261 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8261
Description  RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8261 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM8261 Datasheet HTML 2Page - National Semiconductor (TI) LM8261 Datasheet HTML 3Page - National Semiconductor (TI) LM8261 Datasheet HTML 4Page - National Semiconductor (TI) LM8261 Datasheet HTML 5Page - National Semiconductor (TI) LM8261 Datasheet HTML 6Page - National Semiconductor (TI) LM8261 Datasheet HTML 7Page - National Semiconductor (TI) LM8261 Datasheet HTML 8Page - National Semiconductor (TI) LM8261 Datasheet HTML 9Page - National Semiconductor (TI) LM8261 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
+/−15V Electrical Characteristics (Continued)
Unless otherwise specified, all limited guaranteed for T
J = 25˚C, V
+ = 15V, V− = −15V, V
CM = 0V, VO = 0V, and
R
L > 1MΩ to 0V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 5)
Limit
(Note 6)
Units
A
VOL
Large Signal Voltage Gain
V
O = 0V to +/−13V,
R
L = 10KΩ
85
78
74
dB
min
V
O = 0V to +/−13V,
R
L =2KΩ
79
72
66
V
O
Output Swing
High
R
L = 10KΩ
14.83
14.65
14.61
V
min
R
L =2KΩ
14.73
14.60
14.55
Output Swing
Low
R
L = 10KΩ
−14.91
−14.75
−14.65
V
max
R
L =2KΩ
−14.83
−14.65
−14.60
I
SC
Output Short Circuit Current
Sourcing to ground
V
ID = 200mV (Note 10)
60
40
25
mA
min
Sinking to ground
V
ID = 200mV (Note 10)
100
70
60
I
S
Supply Current
No load, V
CM = 0V
1.30
1.50
1.90
mA
max
SR
Slew Rate
(Note 8)
A
V = +1, VI = 24VPP
15
10
8
V/µs
min
f
u
Unity Gain Frequency
V
I = 10mV, RL =2KΩ
14
–
MHz
GBWP
Gain-Bandwidth Product
f = 50KHz
24
18
16
MHz
min
Phi
m
Phase Margin
V
I = 10mV
58
–
Deg
e
n
Input-Referred Voltage Noise
f = 2KHz, R
S =50Ω
15
–
nV/
i
n
Input-Referred Current Noise
f = 2KHz
1
–
pA/
f
max
Full Power Bandwidth
Z
L = 20pF || 10KΩ
160
–
KHz
t
S
Settling Time (+/−1%, A
V = +1)
Positive Step, 5V
PP
320
–
ns
Negative Step, 5V
PP
600
–
THD+N
Total Harmonic Distortion +Noise
R
L =1KΩ, f = 10KHz,
A
V = +2, 28VPP swing
0.01
–
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Rating indicate conditions for which the device is in-
tended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C.
Note 4: The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(max) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Positive current corresponds to current flowing into the device.
Note 8: Slew rate is the slower of the rising and falling slew rates. Connected as a Voltage Follower.
Note 9: Machine Model, 0
Ω is series with 200pF.
Note 10: Short circuit test is a momentary test. See Note 11.
Note 11: Output short circuit duration is infinite for VS ≤ 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5ms.
Note 12: Offset voltage average drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com