Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5.241 Datasheet(PDF) 13 Page - PULS GmbH

Part # CS5.241
Description  SINGLE PHASE INPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS5.241 Datasheet(HTML) 13 Page - PULS GmbH

Back Button CS5.241 Datasheet HTML 9Page - PULS GmbH CS5.241 Datasheet HTML 10Page - PULS GmbH CS5.241 Datasheet HTML 11Page - PULS GmbH CS5.241 Datasheet HTML 12Page - PULS GmbH CS5.241 Datasheet HTML 13Page - PULS GmbH CS5.241 Datasheet HTML 14Page - PULS GmbH CS5.241 Datasheet HTML 15Page - PULS GmbH CS5.241 Datasheet HTML 16Page - PULS GmbH CS5.241 Datasheet HTML 17Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
CS5.241, CS5.241-C1, CS5.241-S1
C-Line
24V, 5A, SINGLE PHASE INPUT
12. FRONT SIDE AND USER ELEMENTS
Fig. 12-1 Front side
CS5.241, CS5.241-C1
Fig. 12-2 Front side
CS5.241-S1
A
Input Terminals
CS5.241, CS5.241-C1 with screw terminals
CS5.241-S1 with spring-clamp terminals
N, L
Line input
PE (Protective Earth) input
B
Output Terminals (screw terminals, two
pins per pole)
+
Positive output
Negative (return) output
C
Output voltage potentiometer
Open the flap to adjust the output voltage.
Factory set: 24.1V
D DC-OK LED (green)
On, when the voltage on the output
terminals is >21V
Jul. 2015 / Rev. 2.0 DS-CS5.241-EN
All parameters are specified at 24V, 5A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
13/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com