Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5.241 Datasheet(PDF) 1 Page - PULS GmbH

Part # CS5.241
Description  SINGLE PHASE INPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS5.241 Datasheet(HTML) 1 Page - PULS GmbH

  CS5.241 Datasheet HTML 1Page - PULS GmbH CS5.241 Datasheet HTML 2Page - PULS GmbH CS5.241 Datasheet HTML 3Page - PULS GmbH CS5.241 Datasheet HTML 4Page - PULS GmbH CS5.241 Datasheet HTML 5Page - PULS GmbH CS5.241 Datasheet HTML 6Page - PULS GmbH CS5.241 Datasheet HTML 7Page - PULS GmbH CS5.241 Datasheet HTML 8Page - PULS GmbH CS5.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
CS5.241, CS5.241-C1, CS5.241-S1
C-Line
24V, 5A, SINGLE PHASE INPUT
POWER SUPPLY
AC 100-120 / 200-240V Auto-select Input
Width only 32mm
Optional with Conformal Coated PC-boards (CS5.241-C1)
Optional with Spring-clamp Terminals (CS5.241-S1)
Efficiency up to 90.2%
Easy Fuse Breaking due to High Overload Peak Current
20% Output Power Reserves
Full Power Between -25°C and +60°C
Minimal Inrush Current Surge
3 Year Warranty
1/25
GENERAL DESCRIPTION
The DIMENSION C-Line units are cost optimized power
supplies without compromising quality, reliability and
performance. The C-Line is part of the DIMENSION
power supply family, existing alongside the high
featured Q-Line.
The CS5.241 includes all the essential basic functions and
the devices have a power reserve of 20%. This extra
current may even be used continuously at temperatures
up to +45°C.
The most important features are the small size, high
efficiency and the wide temperature range.
The Auto-select input makes worldwide installation and
usage very simple. Defects or system failures caused by
wrongly set switches cannot occur.
High immunity to transients and power surges as well as
low electromagnetic emission and a large international
approval package for a variety of applications makes
this unit suitable for nearly every situation.
SHORT-FORM DATA
Output voltage
DC 24V
Adjustment range
24 - 28V
Output current
5A
at 24V, amb <60°C
6A
at 24V, amb <45°C
4.3A
at 28V, amb <60°C
5.1A
at 28V, amb <45°C
Output power
120W
ambient <60°C
144W
ambient <45°C
Output ripple
< 50mVpp
20Hz to 20MHz
AC Input voltage
AC 100-120V /
200-240V
±10%
Auto-select input
Mains frequency
50-60Hz
±6%
AC Input current
2.0 / 1.23A
at 120 / 230Vac
DC Input voltage
-
not allowed
Power factor
0.56 / 0.47
at 120 / 230Vac
AC Inrush current
3 / 3A peak
at 120 / 230Vac
Efficiency
89.4 / 90.2%
at 120 / 230Vac
Losses
14.5 / 13.2W
at 120 / 230Vac
Temperature range -25°C to +70°C
operational
Derating *)
3W/°C
+60 to +70°C
Hold-up time
80 / 78ms
at 120 / 230Vac
Dimensions
32x124x117mm WxHxD
Weight
500g / 1.1lb
ORDER NUMBERS
Power Supply
CS5.241
24-28V Standard unit
CS5.241-C1
With conformal coated
pc-boards
CS5.241-S1
with quick-connect
spring-clamp terminals
Accessory
ZM1.WALL
Wall mount bracket
ZM13.SIDE
Side mount bracket
YRM2.DIODE
Redundancy module
MARKINGS
IND. CONT. EQ.
UL 508
UL 60950-1
Class I Div 2
Marine
EMC, LVD
Jul. 2015 / Rev. 2.0 DS-CS5.241-EN
All parameters are specified at 24V, 5A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CS5.241

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
CS5.241 REDLION-CS5.241 Datasheet
513Kb / 20P
POWER SUPPLY
CS5.241-C1 REDLION-CS5.241-C1 Datasheet
513Kb / 20P
POWER SUPPLY
CS5.241-S1 REDLION-CS5.241-S1 Datasheet
513Kb / 20P
POWER SUPPLY
More results

Similar Description - CS5.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CP10.121 PULS-CP10.121 Datasheet
724Kb / 26P
SINGLE PHASE INPUT
CP10.361 PULS-CP10.361 Datasheet
743Kb / 27P
SINGLE PHASE INPUT
CPS20.241 PULS-CPS20.241 Datasheet
718Kb / 26P
SINGLE PHASE INPUT
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
SINGLE PHASE INPUT
CS5.243 PULS-CS5.243 Datasheet
622Kb / 24P
SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
SINGLE PHASE INPUT
CS10.241 PULS-CS10.241 Datasheet
668Kb / 26P
SINGLE PHASE INPUT
ML30.241 PULS-ML30.241 Datasheet
528Kb / 23P
SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
SINGLE PHASE INPUT
QS40.484 PULS-QS40.484 Datasheet
754Kb / 28P
SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com