Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5.241 Datasheet(PDF) 3 Page - PULS GmbH

Part # CS5.241
Description  SINGLE PHASE INPUT
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CS5.241 Datasheet(HTML) 3 Page - PULS GmbH

  CS5.241 Datasheet HTML 1Page - PULS GmbH CS5.241 Datasheet HTML 2Page - PULS GmbH CS5.241 Datasheet HTML 3Page - PULS GmbH CS5.241 Datasheet HTML 4Page - PULS GmbH CS5.241 Datasheet HTML 5Page - PULS GmbH CS5.241 Datasheet HTML 6Page - PULS GmbH CS5.241 Datasheet HTML 7Page - PULS GmbH CS5.241 Datasheet HTML 8Page - PULS GmbH CS5.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
CS5.241, CS5.241-C1, CS5.241-S1
C-Line
24V, 5A, SINGLE PHASE INPUT
1. INTENDED USE
This device is designed for installation in an enclosure and is intended for the general professional use such as in
industrial control, office, communication, and instrumentation equipment.
Do not use this power supply in equipment, where malfunction may cause severe personal injury or threaten human
life.
This device is designed for use in hazardous, non-hazardous, ordinary or unclassified locations.
The power supply does not fulfil the harmonic current standard EN61000-3-2. Do not use this power supply when the
following criteria apply:
a) the end-device is used within the European Union and
b) the end-device is connected to a public mains supply with a nominal voltage greater or equal 220Vac and
c) the power supply is:
- fitted in an end-device with an average input power greater than 75W or
- fitted in an end-device with a continuous input power greater than 75W or
- part of a lighting system.
Exception:
End-devices for professional applications with an input power > 1000W do not need to fulfill EN 61000-3-2.
Comments:
- The average input power must be determined in accordance with EN 61000-3-2.
- Industrial mains supplies with their own transformer are considered to be “non-public”.
- Where individual self-contained items of equipment are installed in a rack or case
(e.g. devices connected in parallel), they are regarded as being individually connected to the
mains supply. The rack or case need not be tested as a whole. Alternatively it is also permitted
to assess the whole rack or case. This is recommended for devices used in professional
applications with an input power greater than 1000W.
If PFC according to the Harmonics Standard EN 61000-3-2 is required, please use the QS5.241.
Jul. 2015 / Rev. 2.0 DS-CS5.241-EN
All parameters are specified at 24V, 5A, 230Vac, 50Hz, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
3/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com